Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAMC21 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # SAMC21
Description  SMART ARM-based Microcontrollers Xplained Pro
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAMC21 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button SAMC21 Datasheet HTML 2Page - ATMEL Corporation SAMC21 Datasheet HTML 3Page - ATMEL Corporation SAMC21 Datasheet HTML 4Page - ATMEL Corporation SAMC21 Datasheet HTML 5Page - ATMEL Corporation SAMC21 Datasheet HTML 6Page - ATMEL Corporation SAMC21 Datasheet HTML 7Page - ATMEL Corporation SAMC21 Datasheet HTML 8Page - ATMEL Corporation SAMC21 Datasheet HTML 9Page - ATMEL Corporation SAMC21 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
2.
Getting Started
2.1.
Xplained Pro Quick Start
Steps to start exploring the Atmel Xplained Pro platform:
1.
Download Atmel Studio.
2.
Launch Atmel Studio.
3.
Connect the DEBUG USB port on the kit to the PC using a USB cable (Standard-A to Micro-B or
Micro-AB).
When the Xplained Pro MCU kit is connected to the computer for the first time, operating system will
install the software driver. The driver file supports both 32- and 64-bit versions of Microsoft
® Windows®
XP, Windows Vista
®, Windows 7, Windows 8, Windows 10, and Windows Server 2012.
When the Xplained Pro MCU board is powered, the green power LED will glow and Atmel Studio will auto
detect the specific Xplained Pro MCU- and extension board(s) that are connected. Atmel Studio will
present relevant information such as datasheets and kit documentation. The kit landing page in Atmel
Studio also has an option to launch Atmel Software Framework (ASF) example applications for the kit.
The SAM C21 device is programmed and debugged by the on-board Embedded Debugger and therefore
no external programmer or debugger tool is required.
2.2.
Design Documentation and Relevant Links
The following list contains links to the most relevant documents and software for SAM C21 Xplained Pro:
•
Xplained products - Atmel Xplained evaluation kits are a series of easy-to-use evaluation kits for
Atmel microcontrollers and other Atmel products. For low pin-count devices the Xplained Nano
series provides a minimalistic solution with access to all I/O pins of the target microcontroller.
Xplained Mini kits are for medium pin-count devices and adds Arduino Uno compatible header
footprint and a prototyping area. Xplained Pro kits are for medium to high pin-count devices, they
features advanced debugging and standardized extensions for peripheral functions. All these kits
have on board programmers/debuggers which creates a set of low-cost boards for evaluation and
demonstration of features and capabilities of different Atmel products.
•
Atmel Studio - Free Atmel IDE for development of C/C++ and assembler code for Atmel
microcontrollers.
•
Atmel sample store - Atmel sample store where you can order samples of devices.
•
EDBG User Guide - User guide containing more information about the on-board Embedded
Debugger.
•
IAR Embedded Workbench
® for ARM® - This is a commercial C/C++ compiler that is available for
ARM
®. There is a 30 day evaluation version as well as a code size limited kick-start version
available from their website. The code size limit is 16KB for devices with M0, M0+, and M1 cores
and 32KB for devices with other cores.
•
Atmel QTouch
® Library PTC - QTouch Library for Atmel AVR® and ARM®-based microcontrollers.
•
Atmel QTouch
® Composer - Tool for developing capacitive buttons, sliders, and wheels
applications.
•
Atmel Data Visualizer - Atmel Data Visualizer is a program used for processing and visualizing
data. Data Visualizer can receive data from various sources such as the Embedded Debugger Data
Gateway Interface found on Xplained Pro boards and COM ports.
Atmel SAM C21 Xplained Pro [USER GUIDE]
Atmel-42460D-SAM-C21-Xplained-Pro_User Guide-08/2016
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com