Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAMC21 Datasheet(PDF) 17 Page - ATMEL Corporation

Part # SAMC21
Description  SMART ARM-based Microcontrollers Xplained Pro
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAMC21 Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button SAMC21 Datasheet HTML 13Page - ATMEL Corporation SAMC21 Datasheet HTML 14Page - ATMEL Corporation SAMC21 Datasheet HTML 15Page - ATMEL Corporation SAMC21 Datasheet HTML 16Page - ATMEL Corporation SAMC21 Datasheet HTML 17Page - ATMEL Corporation SAMC21 Datasheet HTML 18Page - ATMEL Corporation SAMC21 Datasheet HTML 19Page - ATMEL Corporation SAMC21 Datasheet HTML 20Page - ATMEL Corporation SAMC21 Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
Caution:  The target section of SAM C21 Xplained Pro can be powered by 3.3V or 5.0V. The
maximum voltage the I/O pins can tolerate depends on the supply voltage. Providing higher
voltages like 5V to an I/O pin when the ATSAMC21J18A is powered by 3.3V could damage the
board.
Info:  Note that all pins do not have the exact same functionality as on the Arduino Uno on the
shield connectors. Each shield should be checked for compatibility before it is connected.
Table 4-4. J802 - Power
Pin on J802 SAM C21 pin Arduino pin name Function
Shared functionality
1
-
RFU
-
-
2
-
IOREF
VCC_TARGET_P3V3_P5V0 -
3
RESETN
RESET
TARGET_RESET
-
4
-
3.3V
VCC_P3V3
-
5
-
5V
VCC_P5V0
-
6
-
GND
GND
-
7
-
GND
GND
-
8
-
VIN
VCC_EXT_P5V0
-
Table 4-5. J803 - Analog
Pin on J803
SAM C21 pin
Arduino pin name
Function
Shared functionality
1
PB09
ADC0
INP1
EXT1
2
PB08
ADC1
INN1
EXT1
3
PA08
ADC2
AIN10
EXT2
4
PA09
ADC3
AIN11
EXT2
5
PB07
ADC4
AIN9 / INP2
EXT3
6
PB06
ADC5
AIN8 / INN2
EXT3
Table 4-6. J804 - Digital Low
Pin on J804 SAM C21 pin Arduino pin name Function
Shared functionality
1
PA23
D0 / RX0
SERCOM3 PAD1 UART RX EXT1, EXT2, and EXT3
2
PA22
D1 / TX0
SERCOM3 PAD0 UART TX EXT1, EXT2, and EXT3
3
PA20
D2
GPIO
EXT1
4
PB12
D3
TC0_W0
EXT1 and EDBG GPIO
5
PA21
D4
GPIO
EXT1
6
PB13
D5
TC0_W1
EXT1
Atmel SAM C21 Xplained Pro [USER GUIDE]
Atmel-42460D-SAM-C21-Xplained-Pro_User Guide-08/2016
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com