Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAMC21 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # SAMC21
Description  SMART ARM-based Microcontrollers Xplained Pro
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAMC21 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button SAMC21 Datasheet HTML 35Page - ATMEL Corporation SAMC21 Datasheet HTML 36Page - ATMEL Corporation SAMC21 Datasheet HTML 37Page - ATMEL Corporation SAMC21 Datasheet HTML 38Page - ATMEL Corporation SAMC21 Datasheet HTML 39Page - ATMEL Corporation SAMC21 Datasheet HTML 40Page - ATMEL Corporation SAMC21 Datasheet HTML 41Page - ATMEL Corporation SAMC21 Datasheet HTML 42Page - ATMEL Corporation SAMC21 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
Figure 6-1. Revision 2 and 3 Power Supply Block Diagram
VCC_P5V0
External 5V input
EDBG
SAMC21J18
Regulator 3.3V
Power Select
(Jumper)
EDBG USB
Auto mux
Power source
Power switch
Power converter
Power consumer
VCC_P3V3
Peripherals
VCC_TARGET
VCC_MCU
Power Switch
Jumper
ON / OFF
Atmel SAM C21 Xplained Pro [USER GUIDE]
Atmel-42460D-SAM-C21-Xplained-Pro_User Guide-08/2016
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com