Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAMC21 Datasheet(PDF) 38 Page - ATMEL Corporation

Part # SAMC21
Description  SMART ARM-based Microcontrollers Xplained Pro
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAMC21 Datasheet(HTML) 38 Page - ATMEL Corporation

Back Button SAMC21 Datasheet HTML 34Page - ATMEL Corporation SAMC21 Datasheet HTML 35Page - ATMEL Corporation SAMC21 Datasheet HTML 36Page - ATMEL Corporation SAMC21 Datasheet HTML 37Page - ATMEL Corporation SAMC21 Datasheet HTML 38Page - ATMEL Corporation SAMC21 Datasheet HTML 39Page - ATMEL Corporation SAMC21 Datasheet HTML 40Page - ATMEL Corporation SAMC21 Datasheet HTML 41Page - ATMEL Corporation SAMC21 Datasheet HTML 42Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
6.
Hardware Revision History and Known Issues
6.1.
Identifying Product ID and Revision
The revision and product identifier of Xplained Pro boards can be found in two ways; either through Atmel
Studio or by looking at the sticker on the bottom side of the PCB.
By connecting an Xplained Pro MCU board to a computer with Atmel Studio running, an information
window will pop up. The first six digits of the serial number, which is listed under kit details, contain the
product identifier and revision. Information about connected Xplained Pro extension boards will also
appear in the Atmel Kit's window.
The same information can be found on the sticker on the bottom side of the PCB. Most kits will print the
identifier and revision in plain text as A09-nnnn\rr, where nnnn is the identifier and rr is the revision.
Boards with limited space have a sticker with only a QR-code, which contains a serial number string.
The serial number string has the following format:
"nnnnrrssssssssss"
n = product identifier
r = revision
s = serial number
The product identifier for SAM C21 Xplained Pro is A09-2419.
6.2.
Revision 6
Revision 6 has silicon revision D or newer of the ATSAMC21J18A-AUTES (U300) device mounted, it is
otherwise identical to revision 5.
6.3.
Revision 5
Revision 5 fixes all known issues outlined on rev. 2-3. The power supply system is divided in two with a
separate 3.3V regulator for both EDBG, and for the Target section. The power supply block diagram for
revision 2 and 3 is shown below. The power switch has been redesigned to avoid voltage leakage at
power on. The DAC, LIN, and CAN connectors have been moved to ease mounting in production. The
RESET level-shifter has been redesigned to avoid leakage when target power is switched off.
Atmel SAM C21 Xplained Pro [USER GUIDE]
Atmel-42460D-SAM-C21-Xplained-Pro_User Guide-08/2016
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com