Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAMC21 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # SAMC21
Description  SMART ARM-based Microcontrollers Xplained Pro
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAMC21 Datasheet(HTML) 4 Page - ATMEL Corporation

  SAMC21 Datasheet HTML 1Page - ATMEL Corporation SAMC21 Datasheet HTML 2Page - ATMEL Corporation SAMC21 Datasheet HTML 3Page - ATMEL Corporation SAMC21 Datasheet HTML 4Page - ATMEL Corporation SAMC21 Datasheet HTML 5Page - ATMEL Corporation SAMC21 Datasheet HTML 6Page - ATMEL Corporation SAMC21 Datasheet HTML 7Page - ATMEL Corporation SAMC21 Datasheet HTML 8Page - ATMEL Corporation SAMC21 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
1.
Introduction
1.1.
Features
•
ATSAMC21J18A microcontroller
•
Embedded Debugger
–
USB interface
–
Auto-ID for board identification in Atmel Studio
–
One yellow status LED
–
One green board power LED
–
Symbolic debug of complex data types icluding scope information
–
Programming and debugging of on board SAM C21 through Serial Wire Debug (SWD)
–
Data Gateway Interface: SPI, I2C, four GPIOs
–
Virtual COM port (CDC)
–
Control of on-board power switch to protect connected extensions against high voltage
•
Digital I/O
–
Two mechanical buttons (user and reset button)
–
One QTouch
® button
–
One yellow user LED
–
Three Xplained Pro extension headers
•
Two selectable target voltages
–
3.3V
–
5.0V
•
Level converters between target section and EDBG section
•
32.768kHz crystal mounted
•
16MHz crystal footprint (not mounted)
•
CAN transceiver
•
LIN transceiver
–
Wake-up button
–
Master node pull-up enable
–
Alternate LIN power jumper
•
DAC output connector
•
Analog voltage reference connector with filtered power supply
–
SDADC VREF
–
ADC/DAC VREF
•
Supported with application examples in Atmel Software Framework
1.2.
Kit Overview
The Atmel SAM C21 Xplained Pro evaluation kit is a hardware platform to evaluate the Atmel
ATSAMC21J18A.
The kit offers a set of features that enables the ATSAMC21J18A user to get started with the SAM C
peripherals right away and to get an understanding of how to integrate the device in their own design.
Atmel SAM C21 Xplained Pro [USER GUIDE]
Atmel-42460D-SAM-C21-Xplained-Pro_User Guide-08/2016
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com