Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAMC21 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # SAMC21
Description  SMART ARM-based Microcontrollers Xplained Pro
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAMC21 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button SAMC21 Datasheet HTML 10Page - ATMEL Corporation SAMC21 Datasheet HTML 11Page - ATMEL Corporation SAMC21 Datasheet HTML 12Page - ATMEL Corporation SAMC21 Datasheet HTML 13Page - ATMEL Corporation SAMC21 Datasheet HTML 14Page - ATMEL Corporation SAMC21 Datasheet HTML 15Page - ATMEL Corporation SAMC21 Datasheet HTML 16Page - ATMEL Corporation SAMC21 Datasheet HTML 17Page - ATMEL Corporation SAMC21 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
4.2.1.
Xplained Pro Extension Headers
The SAM C21 Xplained Pro headers EXT1, EXT2, and EXT3 offers access to the I/O of the
microcontroller in order to expand the board e.g. by connecting extensions to the board. These headers
are based on the standard extension header specified in Xplained Pro Standard Extension Header. The
headers have a pitch of 2.54mm.
Table 4-1. Extension Header EXT1
Pin on EXT1
SAM C21
pin
Function
Shared functionality
1 [ID]
-
-
Communication line to the
ID chip on an extension
board.
2 [GND]
-
-
Ground.
3 [ADC(+)]
PB09
INP1
Shield
4 [ADC(-)]
PB08
INN1
Shield
5 [GPIO1]
PA20
GPIO
Shield
6 [GPIO2]
PA21
GPIO
Shield
7 [PWM(+)]
PB12
TC0/WO0
Shield and EDBG GPIO0
8 [PWM(-)]
PB13
TC0/WO1
Shield
9 [IRQ/GPIO]
PB14
IRQ14/GPIO
-
10 [SPI_SS_B/GPIO]
PB15
GPIO
-
11 [TWI_SDA]
PA12
SERCOM2 PAD[0] I2C SDA EXT2, EXT3, Shield, Crypto
Device, and EDBG I2C
12 [TWI_SCL]
PA13
SERCOM2 PAD[1] I2C SCL
EXT2, EXT3, Shield, Crypto
Device, and EDBG I2C
13 [USART_RX]
PA23
SERCOM3 PAD[1] UART
RX
EXT2, EXT3, and Shield
14 [USART_TX]
PA22
SERCOM3 PAD[0] UART
TX
EXT2, EXT3, and Shield
15 [SPI_SS_A]
PA17
SERCOM1 PAD[1] SPI SS
-
16 [SPI_MOSI]
PA18
SERCOM1 PAD[2] SPI
MOSI
-
17 [SPI_MISO]
PA16
SERCOM1 PAD[0] SPI
MISO
-
18 [SPI_SCK]
PA19
SERCOM1 PAD[3] SPI SCK -
19 [GND]
-
-
Ground.
20 [VCC]
-
-
Power for extension board.
Atmel SAM C21 Xplained Pro [USER GUIDE]
Atmel-42460D-SAM-C21-Xplained-Pro_User Guide-08/2016
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com