Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAMC21 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # SAMC21
Description  SMART ARM-based Microcontrollers Xplained Pro
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAMC21 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button SAMC21 Datasheet HTML 7Page - ATMEL Corporation SAMC21 Datasheet HTML 8Page - ATMEL Corporation SAMC21 Datasheet HTML 9Page - ATMEL Corporation SAMC21 Datasheet HTML 10Page - ATMEL Corporation SAMC21 Datasheet HTML 11Page - ATMEL Corporation SAMC21 Datasheet HTML 12Page - ATMEL Corporation SAMC21 Datasheet HTML 13Page - ATMEL Corporation SAMC21 Datasheet HTML 14Page - ATMEL Corporation SAMC21 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
Pin number
Name
Description
16
SPI_MOSI
Master out slave in line of serial peripheral interface. Always
implemented, bus type.
17
SPI_MISO
Master in slave out line of serial peripheral interface. Always
implemented, bus type.
18
SPI_SCK
Clock for serial peripheral interface. Always implemented, bus type.
19
GND
Ground
20
VCC
Power for extension board
3.4.2.
Xplained Pro Power Header
The power header can be used to connect external power to the SAM C21 Xplained Pro kit. The kit will
automatically detect and switch to any external power if supplied. The power header can also be used as
supply for external peripherals or extension boards. Care must be taken not to exceed the total current
limitation of the on-board regulator when using the 3.3V or 5.0V pin.
Table 3-5. Xplained Pro Power Header
Pin number
Pin name
Description
1
VEXT_P5V0
External 5V input
2
GND
Ground
3
VCC_P5V0
Unregulated 5V (output, derived from one of the input sources)
4
VCC_P3V3_P5
V0
Regulated 3.3V or 5.0V (output, used as main power supply for the
kit)
Atmel SAM C21 Xplained Pro [USER GUIDE]
Atmel-42460D-SAM-C21-Xplained-Pro_User Guide-08/2016
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com