Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAMC21 Datasheet(PDF) 22 Page - ATMEL Corporation

Part # SAMC21
Description  SMART ARM-based Microcontrollers Xplained Pro
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAMC21 Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button SAMC21 Datasheet HTML 18Page - ATMEL Corporation SAMC21 Datasheet HTML 19Page - ATMEL Corporation SAMC21 Datasheet HTML 20Page - ATMEL Corporation SAMC21 Datasheet HTML 21Page - ATMEL Corporation SAMC21 Datasheet HTML 22Page - ATMEL Corporation SAMC21 Datasheet HTML 23Page - ATMEL Corporation SAMC21 Datasheet HTML 24Page - ATMEL Corporation SAMC21 Datasheet HTML 25Page - ATMEL Corporation SAMC21 Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
Table 4-19. LIN Transceiver
SAM C21 pin
Function
ATA663211 function
Shared functionality
PA06
SERCOM0 PAD[2] LIN
TX
LIN TXD
-
PA07
SERCOM0 PAD[3] LIN
RX
LIN RXD
-
PB22
GPIO
LIN EN
-
Table 4-20. LIN Header
LIN header pin
Function
1
VS
2
GND
3
LIN
Table 4-21. Master Node Pull-up Enable Header
LIN header pin
Function
1
LIN
2
1kΩ pull-up to VS
Table 4-22. LIN VCC Power
LIN header pin
Function
1
VS
2
VCC_TARGET_P3V3_P5V0
4.3.6.
QTouch Button
There is one self capacitance button available on the SAM C21 Xplained Pro board that can be used as
I/O. This QTouch button is intended to be driven by the built-in Peripheral Touch Controller (PTC) of the
device.
Note:  To get started with QTouch, refer to Atmel QTouch
® Library and Atmel QTouch® Composer.
Table 4-23. QTouch Connection
SAM C21 pin
Silkscreen text
PA05
QT BTN1
4.3.7.
Crypto Footprints
Several of the Atmel security devices, including CryptoAuthentication devices like the ATECC108A,
requires only an I2C interface to work, and they share the same packages and pinouts. SAM C21
Xplained Pro has implemented SOIC8 and UDFN8 footprints for these devices so the user may solder
them on themselves. Table 4-24 shows all the connections between the footprints and the
ATSAMC21J18A.
Atmel SAM C21 Xplained Pro [USER GUIDE]
Atmel-42460D-SAM-C21-Xplained-Pro_User Guide-08/2016
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com