Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAMC21 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # SAMC21
Description  SMART ARM-based Microcontrollers Xplained Pro
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAMC21 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button SAMC21 Datasheet HTML 8Page - ATMEL Corporation SAMC21 Datasheet HTML 9Page - ATMEL Corporation SAMC21 Datasheet HTML 10Page - ATMEL Corporation SAMC21 Datasheet HTML 11Page - ATMEL Corporation SAMC21 Datasheet HTML 12Page - ATMEL Corporation SAMC21 Datasheet HTML 13Page - ATMEL Corporation SAMC21 Datasheet HTML 14Page - ATMEL Corporation SAMC21 Datasheet HTML 15Page - ATMEL Corporation SAMC21 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
4.
Hardware Users Guide
4.1.
Power Distribution
SAM C21 Xplained Pro has two power sources as described in Power Sources. Figure 4-1 shows a block
diagram of the power supply circuitry. The kit can be powered from the EDBG USB and an external 5.0V
source. The kit will automatically select which source to draw power from.
The EDBG controls an on-board power switch to the ATSAMC21J18A, the on-board peripherals, and
extension connectors. When the kit is powered up, the EDBG reads the ID chip information from all
connected Xplained Pro extension boards and checks that they are compatible with the voltage selected
by the power selection jumper. If the selected voltage is within the connected extensions ranges the
switch will open. If not, the EDBG power LED will blink rapidly and the switch will stay closed resulting in
no power provided to the ATSAMC21J18A, on-board peripherals, and connectors.
Caution:  As the SAM C21 Xplained Pro can be powered by 5.0V care must be taken not to
connect any Xplained Pro extensions that does not support this voltage, doing so may result in
permanent damage. Check the respective extension kit's user guide to see which voltages are
acceptable.
Info:  The EDBG only reads the ID information and controls the power switch when the kit is
powered up. This mechanism does not check hot-plugging of extension boards.
Figure 4-1. Power Supply Block Diagram
External 5V input
EDBG
SAMC21J18
Regulator 3.3V
Power Select
(Jumper)
EDBG USB
Auto mux
VCC_P3V3
Peripherals
VCC_TARGET
VCC_MCU
Power Switch
Jumper
Regulator 3.3V
Power source
Power switch
Power converter
Power consumer
Atmel SAM C21 Xplained Pro [USER GUIDE]
Atmel-42460D-SAM-C21-Xplained-Pro_User Guide-08/2016
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com