Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAMC21 Datasheet(PDF) 20 Page - ATMEL Corporation

Part # SAMC21
Description  SMART ARM-based Microcontrollers Xplained Pro
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAMC21 Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button SAMC21 Datasheet HTML 16Page - ATMEL Corporation SAMC21 Datasheet HTML 17Page - ATMEL Corporation SAMC21 Datasheet HTML 18Page - ATMEL Corporation SAMC21 Datasheet HTML 19Page - ATMEL Corporation SAMC21 Datasheet HTML 20Page - ATMEL Corporation SAMC21 Datasheet HTML 21Page - ATMEL Corporation SAMC21 Datasheet HTML 22Page - ATMEL Corporation SAMC21 Datasheet HTML 23Page - ATMEL Corporation SAMC21 Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
Table 4-12. Cortex Debug Connector
Cortex Debug Connector pin
Pin / Net
Function
1
VCC_TARGET_P3V3_P5V0
ATSAMC21J18A voltage
2
SWDIO
SWD data signal
3
GND
Ground
4
SWCLK
SWD clock signal
5
GND
Ground
6
-
-
7
-
-
8
-
-
9
GND
Ground
10
RESETN
Target reset signal
4.3.
Peripherals
4.3.1.
LED
There is one yellow LED available on the SAM C21 Xplained Pro board that can be turned on and off.
The LED is activated by driving the connected I/O line to low.
Table 4-13. LED Connection
SAM C21 pin
Function
Shared functionality
PA15
Yellow LED0
Crystal footprint and EXT3
4.3.2.
Mechanical Buttons
SAM C21 Xplained Pro contains two mechanical buttons connected to the SAM C21. One button is the
RESET button connected to the reset line and the other is a generic user configurable button. When a
button is pressed it will drive the I/O line to GND.
Info:  There is no pull-up resistor connected to the generic user button. Remember to enable
the internal pull-up in the SAM C21 to use the button.
Table 4-14. Mechanical Buttons
SAM C21 pin
Function
Shared functionality
RESETN
RESET
Shield, Shield(2), and EDBG
PA28
SW0
EXT3 and EDBG GPIO3
4.3.3.
Crystals
The SAM C21 Xplained Pro kit contains one mounted 32.768kHz crystal and a footprint for higher
frequency crystals that can be used as clock sources for the SAM C21. The crystals have cut-straps next
to them that can be used to measure the oscillator safety factor. This is done by cutting the strap and
Atmel SAM C21 Xplained Pro [USER GUIDE]
Atmel-42460D-SAM-C21-Xplained-Pro_User Guide-08/2016
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com