Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAMC21 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # SAMC21
Description  SMART ARM-based Microcontrollers Xplained Pro
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAMC21 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button SAMC21 Datasheet HTML 17Page - ATMEL Corporation SAMC21 Datasheet HTML 18Page - ATMEL Corporation SAMC21 Datasheet HTML 19Page - ATMEL Corporation SAMC21 Datasheet HTML 20Page - ATMEL Corporation SAMC21 Datasheet HTML 21Page - ATMEL Corporation SAMC21 Datasheet HTML 22Page - ATMEL Corporation SAMC21 Datasheet HTML 23Page - ATMEL Corporation SAMC21 Datasheet HTML 24Page - ATMEL Corporation SAMC21 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
adding a resistor across the strap. Information about oscillator allowance and safety factor can be found
in appnote AVR4100. Information about clock calibration and compensation can be found in appnote
AT03155.
The footprint for the external crystal is based on the Epson
® TSX-3225 series.
Table 4-15. External 32.768kHz Crystal
SAM C21 pin
Function
Shared functionality
PA00
XIN32
-
PA01
XOUT32
-
Table 4-16. External Crystal Footprint
SAM C21 pin
Function
Shared functionality
PA14
XIN
EXT3
PA15
XOUT
EXT3 and User LED
4.3.4.
CAN
ATSAMC21J18A has two CAN modules that performs communication according to ISO11898-1 (Bosch
CAN specification 2.0 part A,B) and Bosch CAN FD specification V1.0.
CAN0 is connected to an on-board ATA6561 CAN physical-layer transceiver. Table 4-17 shows
connections between the ATSAMC21J18A and the ATA6561.
The CAN differential signals are connected to a 1 x 2, 100 mil pin-header labeled CAN.
Table 4-17. ATA6561 Connections
SAM C21pin
Function
ATA6561 function
Shared functionality
PA24
CAN0TX
TXD
-
PA25
CAN0RX
RXD
-
Table 4-18. CAN Header
CAN header pin
Function
1
CANH
2
CANL
4.3.5.
LIN
An ATA663211 LIN transceiver is mounted on the kit to convert the LIN signals from the SERCOM
module in the SAM C21 device. The LIN compatible signals are available at a 3-pin header.
Atmel SAM C21 Xplained Pro [USER GUIDE]
Atmel-42460D-SAM-C21-Xplained-Pro_User Guide-08/2016
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com