Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAMC21 Datasheet(PDF) 27 Page - ATMEL Corporation

Part # SAMC21
Description  SMART ARM-based Microcontrollers Xplained Pro
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAMC21 Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button SAMC21 Datasheet HTML 23Page - ATMEL Corporation SAMC21 Datasheet HTML 24Page - ATMEL Corporation SAMC21 Datasheet HTML 25Page - ATMEL Corporation SAMC21 Datasheet HTML 26Page - ATMEL Corporation SAMC21 Datasheet HTML 27Page - ATMEL Corporation SAMC21 Datasheet HTML 28Page - ATMEL Corporation SAMC21 Datasheet HTML 29Page - ATMEL Corporation SAMC21 Datasheet HTML 30Page - ATMEL Corporation SAMC21 Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
Table 4-26. Jumpers
Designator
From
To
Comment
J101
VCC_TARGET_X_P3V3
_P5V0
VCC_TARGET_P3V3_P
5V0
Remove this jumper
(JS100) to measure
current to the MCU
section
J102
VCC_IN_P5V0 (pin 1)
and
VCC_P3V3_TARGET
(pin 3)
VCC_TARGET_SWITC
H_P3V3_P5V0
Use this jumper (JS101)
to select either 5.0V or
3.3V voltage to the
Target section. Default
setting in production is
5.0V.
J103
VCC_IN_P5V0
VCC_P5V0
Cut this jumper to
measure current from
the 5.0V input MUX
section. The footprint is
0603 sized.
J104
3.3V linear regulator
output for EDBG section
VCC_EDBG_P3V3
Cut this jumper to
measure current to the
EDBG section. The
footprint is 0603 sized.
J105
3.3V linear regulator
output for Target and
MCU sections
VCC_P3V3
Cut this jumper to
measure current to the
Target and MCU
sections. The footprint is
0603 sized.
J106
VCC_TARGET_X_P3V3
_P5V0
VCC_TARGET_P3V3_P
5V0
Cut this jumper to
measure current to the
Target section. The
footprint is 0603 sized.
J300
PA15_XOUT
16MHz crystal pin
Cut this jumper and
mount resistors to find
16MHz crystal oscillator
safety factor. The
footprint is 0603 sized.
J501
LIN signal
Pull-up resistor to VS
voltage
Mount this jumper
(JS501) to set the LIN
transceiver as Master
node. Default setting in
production is mounted.
Atmel SAM C21 Xplained Pro [USER GUIDE]
Atmel-42460D-SAM-C21-Xplained-Pro_User Guide-08/2016
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com