Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAMC21 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # SAMC21
Description  SMART ARM-based Microcontrollers Xplained Pro
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAMC21 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button SAMC21 Datasheet HTML 14Page - ATMEL Corporation SAMC21 Datasheet HTML 15Page - ATMEL Corporation SAMC21 Datasheet HTML 16Page - ATMEL Corporation SAMC21 Datasheet HTML 17Page - ATMEL Corporation SAMC21 Datasheet HTML 18Page - ATMEL Corporation SAMC21 Datasheet HTML 19Page - ATMEL Corporation SAMC21 Datasheet HTML 20Page - ATMEL Corporation SAMC21 Datasheet HTML 21Page - ATMEL Corporation SAMC21 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
Pin on J804 SAM C21 pin Arduino pin name Function
Shared functionality
7
PB30
D6
TCC0_W0
EXT2
8
PB04
D7
GPIO
EXT3
Table 4-7. J801 - Digital High
Pin on J801 SAM C21 pin Arduino pin name Function
Shared functionality
1
PB05
D8
GPIO
EXT3
2
PB31
D9
TCC0_W1
EXT2
3
PA27
D10 / SPI-SS
GPIO
EXT3
4
PB00
D11 / SPI-MOSI
SERCOM5 PAD2
EXT2, EXT3, EDBG SPI, and
Shield
5
PB02
D12 / SPI-MISO
SERCOM5 PAD0
EXT2, EXT3, EDBG SPI, and
Shield
6
PB01
D13 / SPI-SCK
SERCOM5 PAD3
EXT2, EXT3, EDBG SPI, and
Shield
7
-
GND
-
-
8
PA03
AREF
ADC / DAC VREFA
9
PA12
SDA
SERCOM2 PAD0
EXT1, EXT2, EXT3, Crypto, and
EDBG I2C
10
PA13
SCL
SERCOM2 PAD1
EXT1, EXT2, EXT3, Crypto, and
EDBG I2C
Table 4-8. J800 - SPI
Pin on
J800
SAM C21 pin Arduino pin
name
Function
Shared functionality
1
PB02
MISO
SERCOM5 PAD0
EXT2, EXT3, EDBG SPI,
and Shield
2
-
5V
VCC_TARGET_P3V3_P5V0 -
3
PB01
SCK
SERCOM5 PAD3
EXT2, EXT3, EDBG SPI,
and Shield
4
PB00
MOSI
SERCOM5 PAD2
EXT2, EXT3, EDBG SPI,
and Shield
5
RESETN
RESET
TARGET_RESET
-
6
-
GND
GND
-
4.2.3.
VCC Selection Header
The SAM C21 Xplained Pro has a 3-pin header labeled VCC_SEL on the board. This header can be used
to select between 3.3V and 5.0V as the supply voltage for the ATSAMC21J18A, peripherals, and
extension headers by placing a jumper on pin 1-2 or pin 2-3. Selecting 5.0V will supply the kit directly
from the USB or an external 5.0V source. Selecting 3.3V will supply the kit from an on-board regulator.
Atmel SAM C21 Xplained Pro [USER GUIDE]
Atmel-42460D-SAM-C21-Xplained-Pro_User Guide-08/2016
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com