Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAMC21 Datasheet(PDF) 19 Page - ATMEL Corporation

Part # SAMC21
Description  SMART ARM-based Microcontrollers Xplained Pro
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAMC21 Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button SAMC21 Datasheet HTML 15Page - ATMEL Corporation SAMC21 Datasheet HTML 16Page - ATMEL Corporation SAMC21 Datasheet HTML 17Page - ATMEL Corporation SAMC21 Datasheet HTML 18Page - ATMEL Corporation SAMC21 Datasheet HTML 19Page - ATMEL Corporation SAMC21 Datasheet HTML 20Page - ATMEL Corporation SAMC21 Datasheet HTML 21Page - ATMEL Corporation SAMC21 Datasheet HTML 22Page - ATMEL Corporation SAMC21 Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
Table 4-9. VCC_SEL Header
VCC_SEL header pin
Function
1
VCC_P5V0
2
VCC_TARGET
3
VCC_P3V3
4.2.4.
VREF Header
SAM C21 Xplained Pro has a 6-pin header labeled VREF on the board. This header can be used to
select / apply a voltage reference to the ADC, DAC, and SDADC. Jumpers can be used to tie SADC
VREF and ADC/DAC VREFT to the kit target voltage from pin 1-3 and 2-4, or external voltages can be
applied across pin 3-5 and 4-6.
Table 4-10. VREF Header
VREF header pin
Pin / Net
Function
1
VCC_AREF_P3V3_P5V0
Filtered kit target voltage
2
VCC_AREF_P3V3_P5V0
Filtered kit target voltage
3
PA04
SDADC voltage reference
4
PA03
ADC / DAC voltage reference
5
GND
Ground
6
GND
Ground
4.2.5.
DAC Header
SAM C21 Xplained Pro has a 2-pin header labeled DAC-OUT on the board that is connected to the DAC
output of the ATSAMC21J18A and ground.
Table 4-11. DAC Header
DAC header pin
Pin / Net
Function
Shared functionality
1
PA02
DAC0 output
EXT3
2
GND
Ground
4.2.6.
Current Measurement Header
An angled 1x2, 100mil pin-header marked with MCU current measurement is located at the upper edge of
the SAM C21 Xplained Pro. All power to the ATSAMC21J18A is routed through this header. To measure
the power consumption of the device remove the jumper and replace it with an ammeter.
Caution:  Removing the jumper from the pin-header while the kit is powered may cause the
ATSAMC21J18A to be powered through its I/O pins. This may cause permanent damage to the
device.
4.2.7.
Cortex Debug Connector
SAM C21 Xplained Pro has a 10-pin 50-mil Cortex
® Debug Connector that can be used to attach external
debuggers to the ATSAMC21J18A.
Atmel SAM C21 Xplained Pro [USER GUIDE]
Atmel-42460D-SAM-C21-Xplained-Pro_User Guide-08/2016
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com