Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAMC21 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # SAMC21
Description  SMART ARM-based Microcontrollers Xplained Pro
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAMC21 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button SAMC21 Datasheet HTML 4Page - ATMEL Corporation SAMC21 Datasheet HTML 5Page - ATMEL Corporation SAMC21 Datasheet HTML 6Page - ATMEL Corporation SAMC21 Datasheet HTML 7Page - ATMEL Corporation SAMC21 Datasheet HTML 8Page - ATMEL Corporation SAMC21 Datasheet HTML 9Page - ATMEL Corporation SAMC21 Datasheet HTML 10Page - ATMEL Corporation SAMC21 Datasheet HTML 11Page - ATMEL Corporation SAMC21 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
3.
Xplained Pro
Xplained Pro is an evaluation platform that provides the full Atmel microcontroller experience. The
platform consists of a series of Microcontroller (MCU) boards and extension boards, which are integrated
with Atmel Studio, have Atmel Software Framework (ASF) drivers and demo code, support data
streaming, and more. Xplained Pro MCU boards support a wide range of Xplained Pro extension boards,
which are connected through a set of standardized headers and connectors. Each extension board has
an identification (ID) chip to uniquely identify which boards are connected to an Xplained Pro MCU board.
This information is used to present relevant user guides, application notes, datasheets, and example
code through Atmel Studio.
3.1.
Embedded Debugger
The SAM C21 Xplained Pro contains the Atmel Embedded Debugger (EDBG) for on-board debugging.
The EDBG is a composite USB device of three interfaces; a debugger, Virtual COM Port, and a Data
Gateway Interface (DGI).
Together with Atmel Studio, the EDBG debugger interface can program and debug the ATSAMC21J18A.
On SAM C21 Xplained Pro, the SWD interface is connected between the EDBG and the
ATSAMC21J18A.
The Virtual COM Port is connected to a UART on the ATSAMC21J18A and provides an easy way to
communicate with the target application through terminal software. It offers variable baud rate, parity, and
stop bit settings. Note that the settings on the ATSAMC21J18A must match the settings given in the
terminal software.
Info:  The virtual COM port in the EDBG requires the terminal software to set the data terminal
ready (DTR) signal to enable the UART pins connected to the ATSAMC21J18A. If the DTR
signal is not enabled the UART pins on the EDBG is kept in high-z (tristate) rendering the COM
port unusable. The DTR signal is set automatically by some terminal software, but it may have
to be manually enabled in your terminal.
The DGI consists of several physical interfaces for communication with the host computer.
Communication over the interfaces is bidirectional. It can be used to send events and values from the
ATSAMC21J18A or as a generic printf-style data channel. Traffic over the interfaces can be timestamped
on the EDBG for more accurate tracing of events. Note that timestamping imposes an overhead that
reduces maximal throughput. Atmel Data Visualizer is used to send and receive data through DGI.
The EDBG controls two LEDs on SAM C21 Xplained Pro; a power LED and a status LED. The table
below shows how the LEDs are controlled in different operation modes.
Table 3-1. EDBG LED Control
Operation mode
Power LED
Status LED
Normal operation
Power LED is lit when power is
applied to the board.
Activity indicator, LED flashes
when any communication
happens to the EDBG.
Bootloader mode (idle)
The power LED and the status LED blinks simultaneously.
Bootloader mode (firmware
upgrade)
The power LED and the status LED blinks in an alternating pattern.
Atmel SAM C21 Xplained Pro [USER GUIDE]
Atmel-42460D-SAM-C21-Xplained-Pro_User Guide-08/2016
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com