Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1013ACCZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADMV1013ACCZ-R7
Description  Wideband, Microwave Upconverter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1013ACCZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADMV1013ACCZ-R7 Datasheet HTML 1Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
Data Sheet
ADMV1013
Rev. A | Page 3 of 39
SPECIFICATIONS
IF and I/Q amplitude = −20 dBm, VCC_DRV = VCC2_DRV = VCC_AMP2 = VCC_ENV = VCC_AMP1 = VCC_BG2 = VCC_MIXER =
VCC_BG = VCC_QUAD = 3.3 V, DVDD = VCC_VVA = 1.8 V, TA = 25°C, and set Register 0x0A to 0xE700, unless otherwise noted.
Measurements in IF mode performed with a 90° hybrid, Register 0x03, Bit 7 = 1, IF input frequency (fIF) = 3.5 GHz.
Measurements in I/Q mode are measured as a composite of the I and Q channel performance, common-mode voltage (VCM) = 0 V,
Register 0x03, Bit 7 = 0, and Register 0x05, Bits[6:0] = 0x051, unless otherwise noted. I/Q baseband frequency (fBB) = 100 MHz.
VCTRL1 = VCTRL2. VCTRL is the attenuation voltage at the VCTRL1 and VCTRL2 pins. VCTRL =1800 mV, unless otherwise specified.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGES
RF Output
24
44
GHz
LO Input
5.4
10.25
GHz
LO Quadrupler
21.6
41
GHz
IF Input
0.8
6.0
GHz
Baseband (BB) I/Q Input
DC
6.0
GHz
LO AMPLITUDE RANGE
−6
0
+6
dBm
I/Q MODULATOR PERFORMANCE
Conversion Gain
At maximum gain
24 GHz to 40 GHz
fBB ≤ 3.5 GHz
18
23
dB
6 GHz > fBB > 3.5 GHz
21
40 GHz to 44 GHz
19
dB
Voltage Variable Attenuator (VVA) Control Range
35
dB
Single-Sideband (SSB) Noise Figure
At maximum gain
24 GHz to 40 GHz
18
dB
40 GHz to 44 GHz
19
dB
Output Third-Order Intercept (IP3)
At maximum gain
24 GHz to 40 GHz
20
23
dBm
40 GHz to 44 GHz
22
dBm
Output 1 dB Compression Point (P1dB)
At maximum gain
24 GHz to 40 GHz
10
13
dBm
40 GHz to 44 GHz
12
dBm
Sideband Rejection (SBR)
24 GHz to 44 GHz, at maximum gain
Uncalibrated
32
dBc
IF SINGLE-SIDEBAND UPCONVERSION PERFORMANCE
Conversion Gain
At maximum gain
24 GHz to 40 GHz
fIF ≤ 3.5 GHz
13
18
dB
6 GHz > fIF > 3.5 GHz
12
40 GHz to 44 GHz
14
dB
VVA Control Range
35
dB
SSB Noise Figure
At maximum gain
24 GHz to 40 GHz
25
dB
40 GHz to 44 GHz
28
dB
Output IP3
At maximum gain
24 GHz to 40 GHz
20
23
dBm
40 GHz to 44 GHz
22
dBm
Output P1dB
At maximum gain
24 GHz to 40 GHz
10
13
dBm
40 GHz to 44 GHz
12
dBm
SBR
24 GHz to 44 GHz, at maximum gain
Uncalibrated
26
dBc
Calibrated
Calibrated using LOAMP_PH_ADJ_
Q_FINE and LOAMP_PH_ADJ_I_FINE bits
36
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com