Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1013ACCZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADMV1013ACCZ-R7
Description  Wideband, Microwave Upconverter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1013ACCZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADMV1013ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
Data Sheet
ADMV1013
Rev. A | Page 9 of 39
TYPICAL PERFORMANCE CHARACTERISTICS
I/Q MODE
I/Q amplitude = −20 dBm, VCC_DRV = VCC2_DRV = VCC_AMP2 = VCC_ENV = VCC_AMP1 = VCC_BG2 = VCC_MIXER =
VCC_BG = VCC_QUAD = 3.3 V, DVDD = VCC_VVA = 1.8 V, TA = 25°C, and set Register 0x0A to 0xE700, unless otherwise noted.
VCTRL1 = VCTRL2. VCTRL is the attenuation voltage at the VCTRL1 and VCTRL2 pins. VCTRL = 1800 mV, unless otherwise specified.
Measurements in I/Q mode are measured as a composite of the I and Q channel performance, VCM = 0 V, Register 0x03, Bit 7 = 0, and
Register 0x05, Bits[6:0] = 0x051, unless otherwise noted. I/Q fBB = 100 MHz.
23
25
27
31
35
39
29
33
37
41
43
45
RF FREQUENCY (GHz)
35
–50
–20
–30
–10
–5
0
10
30
–25
–35
–40
–45
–15
5
25
20
15
+85°C AT 1.8V UPPER SIDEBAND
+25°C AT 1.8V UPPER SIDEBAND
–40°C AT 1.8V UPPER SIDEBAND
+85°C AT 0.8V UPPER SIDEBAND
+25°C AT 0.8V UPPER SIDEBAND
–40°C AT 0.8V UPPER SIDEBAND
+85°C AT 0V UPPER SIDEBAND
+25°C AT 0V UPPER SIDEBAND
–40°C AT 0V UPPER SIDEBAND
Figure 4. Conversion Gain vs. RF Frequency (fRF) at Three Different Gain
Settings for Various Temperatures, fBB = 100 MHz (Upper Sideband)
30
–5
0
5
20
25
15
10
23
25
27
31
35
39
29
33
37
41
43
45
RF FREQUENCY (GHz)
3.5V UPPER SIDEBAND
3.3V UPPER SIDEBAND
3.1V UPPER SIDEBAND
Figure 5. Conversion Gain vs. RF Frequency at for Various Supply
Voltages, fBB = 100 MHz (Upper Sideband)
30
–5
0
5
20
25
15
10
23
25
27
31
35
39
29
33
37
41
43
45
RF FREQUENCY (GHz)
+6dBm UPPER SIDEBAND
0dBm UPPER SIDEBAND
–6dBm UPPER SIDEBAND
Figure 6. Conversion Gain vs. RF Frequency at for Various LO Inputs,
fBB = 100 MHz (Upper Sideband)
30
–30
–15
–25
–5
5
–10
–20
0
10
15
20
25
0
0.2
0.4
0.8
1.2
1.6
0.6
1.0
1.4
1.8
VCTRL (V)
+85°C AT 39GHz
+25°C AT 39GHz
–40°C AT 9GHz
+85°C AT 28GHz
+25°C AT 28GHz
–40°C AT 28GHz
Figure 7. Conversion Gain vs. VCTRL at Various Temperatures and
fRF = 28 GHz and 39 GHz, fBB = 100 MHz
28
0
10
2
14
18
12
6
4
8
16
20
22
24
26
0
0.5 1.0
2.5
4.5
6.5
1.5
3.5
5.5
2.0
4.0
6.0
3.0
5.0
7.0
BASEBAND FREQUENCY (GHz)
39GHz UPPER SIDEBAND
28GHz UPPER SIDEBAND
Figure 8. Conversion Gain vs. Baseband Frequency at
fRF = 28 GHz and 39 GHz (Upper Sideband)
28
0
10
2
14
18
12
6
4
8
16
20
22
24
26
0
0.5 1.0
2.5
4.5
6.5
1.5
3.5
5.5
2.0
4.0
6.0
3.0
5.0
7.0
BASEBAND FREQUENCY (GHz)
39GHz LOWER SIDEBAND
28GHz LOWER SIDEBAND
Figure 9. Conversion Gain vs. Baseband Frequency at
fRF = 28 GHz and 39 GHz (Lower Sideband)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com