Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1013ACCZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADMV1013ACCZ-R7
Description  Wideband, Microwave Upconverter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1013ACCZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADMV1013ACCZ-R7 Datasheet HTML 1Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
24 GHz to 44 GHz,
Wideband, Microwave Upconverter
Data Sheet
ADMV1013
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2018–2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Wideband RF input frequency range: 24 GHz to 44 GHz
2 upconversion modes
Direct conversion from baseband I/Q to RF
Single-sideband upconversion from real IF
LO input frequency range: 5.4 GHz to 10.25 GHz
LO quadrupler for up to 41 GHz
Matched 50 Ω single-ended RF output and IF inputs
Option between matched 100 Ω balanced or 50 Ω single-
ended LO inputs
100 Ω balanced baseband inputs
Sideband suppression and carrier feedthrough optimization
Variable attenuator for transceiver power control
Programmable via 4-wire SPI interface
40-terminal land grid array package (LGA)
APPLICATIONS
Point to point microwave radios
Radar, electronic warfare systems
Instrumentation, automatic test equipment (ATE)
FUNCTIONAL BLOCK DIAGRAM
90°
DVDD
RF
GND
VCC_DRV
BG_RBIAS2
SDO
SDI
SCLK
I_N
VENV_P
VCC_BG2
IF_Q
Q_N
Q_P
GND
I_P
0°
GND
VENV_N
×4
ADMV1013
RST
IF_I
VVA2
VVA1
DET
Figure 1.
GENERAL DESCRIPTION
The ADMV1013 is a wideband, microwave upconverter optimized
for point to point microwave radio designs operating in the
24 GHz to 44 GHz radio frequency (RF) range.
The upconverter offers two modes of frequency translation. The
device is capable of direct conversion to RF from baseband in-phase
quadrature (I/Q) input signals, as well as single-sideband (SSB)
upconversion from complex intermediate frequency (IF) inputs.
The baseband I/Q input path can be disabled and modulated
complex IF signals, anywhere from 0.8 GHz to 6.0 GHz, can be
inserted in the IF path and upconverted to 24 GHz to 44 GHz
while suppressing the unwanted sideband by typically better than
26 dBc. The serial port interface (SPI) allows adjustment of the
quadrature phase and mixer gate voltage to allow optimum
sideband suppression and local oscillator (LO) nulling. In
addition, the SPI interface allows powering down the output
envelope detector to reduce power consumption.
The ADMV1013 upconverter comes in a 40-terminal land grid
array package (LGA) package. The ADMV1013 operates over
the −40°C to +85°C case temperature range.


Similar Part No. - ADMV1013ACCZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMV1013ACCZR7-CSL AD-ADMV1013ACCZR7-CSL Datasheet
327Kb / 12P
24 GHz to 44 GHz, Wideband, Microwave Upconverter
Rev. 0
ADMV1013ACCZR7-CSL AD-ADMV1013ACCZR7-CSL Datasheet
322Kb / 12P
24 GHz to 44 GHz, Wideband, Microwave Upconverter
Rev. A
More results

Similar Description - ADMV1013ACCZ-R7

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACU2109 ANADIGICS-ACU2109 Datasheet
338Kb / 12P
Wideband Tuner Upconverter Data Sheet - Rev 2.4
Rev 2.4
logo
Analog Devices
ADF5356 AD-ADF5356 Datasheet
726Kb / 38P
Microwave Wideband Synthesizer
8/2017-Revision 0
ADF4371 AD-ADF4371 Datasheet
4Mb / 46P
Microwave Wideband Synthesizer Integrated VCO
ADF5610 AD-ADF5610_V01 Datasheet
1,016Kb / 51P
Microwave Wideband Synthesizer Integrated VCO
2/2019-Revision 0
logo
Mini-Circuits
ZX60-02203LPN MINI-ZX60-02203LPN Datasheet
830Kb / 8P
Wideband Microwave Amplifier
ZVA-01243 MINI-ZVA-01243 Datasheet
619Kb / 10P
Wideband Microwave Amplifier
logo
Analog Devices
ADRF6780 AD-ADRF6780 Datasheet
871Kb / 35P
5.9 GHz to 23.6 GHz, Wideband, Microwave Upconverter
1/2019-Rev. C to Rev. D
logo
Mini-Circuits
ZX60-183A-S MINI-ZX60-183A-S Datasheet
358Kb / 4P
Wideband Microwave Amplifier
REV. C
ZX60-24-S MINI-ZX60-24-S Datasheet
356Kb / 4P
Wideband Microwave Amplifier
REV. E
ZX60-24A-S MINI-ZX60-24A-S Datasheet
391Kb / 4P
Wideband Microwave Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com