Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1013ACCZ-R7 Datasheet(PDF) 32 Page - Analog Devices

Part # ADMV1013ACCZ-R7
Description  Wideband, Microwave Upconverter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1013ACCZ-R7 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADMV1013ACCZ-R7 Datasheet HTML 28Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 29Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 30Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 31Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 32Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 33Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 34Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 35Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
ADMV1013
Data Sheet
Rev. A | Page 32 of 39
–40
–30
–20
–10
0
10
20
30
23
25
27
29
31
33
35
37
39
41
43
45
RF FREQUENCY (GHz)
VCTRL2 = 0V
VCTRL2 = 0.1V
VCTRL2 = 0.2V
VCTRL2 = 0.3V
VCTRL2 = 0.4V
VCTRL2 = 0.5V
VCTRL2 = 0.6V
VCTRL2 = 0.7V
VCTRL2 = 0.8V
VCTRL2 = 0.9V
VCTRL2 = 1.0V
VCTRL2 = 1.1V
VCTRL2 = 1.2V
VCTRL2 = 1.3V
VCTRL2 = 1.4V
VCTRL2 = 1.5V
VCTRL2 = 1.6V
VCTRL2 = 1.7V
VCTRL2 = 1.8V
Figure 101. Conversion Gain vs. RF Frequency at Various VCTRL2 Voltages
(VCTRL1 = 1.8 V), IF Mode, IF Frequency = 2 GHz, Upper Sideband
–10
–5
0
5
10
15
20
23
25
27
29
31
33
35
37
39
41
43
45
RF FREQUENCY (GHz)
VCTRL1 = 0V, VCTRL2 = 0V
VCTRL1 = 0.1V, VCTRL2 = 0.1V
VCTRL1 = 0.2V, VCTRL2 = 0.2V
VCTRL1 = 0.3V, VCTRL2 = 0.3V
VCTRL1 = 0.4V, VCTRL2 = 0.4V
VCTRL1 = 0.5V, VCTRL2 = 0.5V
VCTRL1 = 0.6V, VCTRL2 = 0.6V
VCTRL1 = 0.7V, VCTRL2 = 0.7V
VCTRL1 = 0.8V, VCTRL2 = 0.8V
VCTRL1 = 0.9V, VCTRL2 = 0.9V
VCTRL1 = 1.0V, VCTRL2 = 1.0V
VCTRL1 = 1.1V, VCTRL2 = 1.1V
VCTRL1 = 1.2V, VCTRL2 = 1.2V
VCTRL1 = 1.3V, VCTRL2 = 1.3V
VCTRL1 = 1.4V, VCTRL2 = 1.4V
VCTRL1 = 1.5V, VCTRL2 = 1.5V
VCTRL1 = 1.6V, VCTRL2 = 1.6V
VCTRL1 = 1.7V, VCTRL2 = 1.7V
VCTRL1 = 1.8V, VCTRL2 = 1.8V
Figure 102. Input IP3 vs. RF Frequency at Various VCTRL Voltages (VCTRL1 =
VCTRL2), I IF Mode, IF Frequency = 2 GHz, Upper Sideband
–10
–5
0
5
10
15
20
23
25
27
29
31
33
35
37
39
41
43
45
RF FREQUENCY (GHz)
VCTRL1 = 0V,
VCTRL1 = 0.1V
VCTRL1 = 0.2V
VCTRL1 = 0.3V
VCTRL1 = 0.4V
VCTRL1 = 0.5V
VCTRL1 = 0.6V
VCTRL1 = 0.7V
VCTRL1 = 0.8V
VCTRL1 = 0.9V
VCTRL1 = 1.0V
VCTRL1 = 1.1V
VCTRL1 = 1.2V
VCTRL1 = 1.3V
VCTRL1 = 1.4V
VCTRL1 = 1.5V
VCTRL1 = 1.6V
VCTRL1 = 1.7V
VCTRL1 = 1.8V
Figure 103. Input IP3 vs. RF Frequency at Various VCTRL1 Voltages (VCTRL2 =
1.8 V), IF Mode, IF Frequency = 2 GHz, Upper Sideband
–10
–5
0
5
10
15
20
23
25
27
29
31
33
35
37
39
41
43
45
RF FREQUENCY (GHz)
VCTRL2 = 0V
VCTRL2 = 0.1V
VCTRL2 = 0.2V
VCTRL2 = 0.3V
VCTRL2 = 0.4V
VCTRL2 = 0.5V
VCTRL2 = 0.6V
VCTRL2 = 0.7V
VCTRL2 = 0.8V
VCTRL2 = 0.9V
VCTRL2 = 1.0V
VCTRL2 = 1.1V
VCTRL2 = 1.2V
VCTRL2 = 1.3V
VCTRL2 = 1.4V
VCTRL2 = 1.5V
VCTRL2 = 1.6V
VCTRL2 = 1.7V
VCTRL2 = 1.8V
Figure 104. Input IP3 vs. RF Frequency at Various VCTRL2 Voltages (VCTRL1 =
1.8 V), IF Mode, IF Frequency = 2 GHz, Upper Sideband
0
5
10
15
20
25
30
35
40
45
50
55
60
23
25
27
29
31
33
35
37
39
41
43
45
RF FREQUENCY (GHz)
VCTRL1 = 0V, VCTRL2 = 0V
VCTRL1 = 0.1V, VCTRL2 = 0.1V
VCTRL1 = 0.2V, VCTRL2 = 0.2V
VCTRL1 = 0.3V, VCTRL2 = 0.3V
VCTRL1 = 0.4V, VCTRL2 = 0.4V
VCTRL1 = 0.5V, VCTRL2 = 0.5V
VCTRL1 = 0.6V, VCTRL2 = 0.6V
VCTRL1 = 0.7V, VCTRL2 = 0.7V
VCTRL1 = 0.8V, VCTRL2 = 0.8V
VCTRL1 = 0.9V, VCTRL2 = 0.9V
VCTRL1 = 1.0V, VCTRL2 = 1.0V
VCTRL1 = 1.1V, VCTRL2 = 1.1V
VCTRL1 = 1.2V, VCTRL2 = 1.2V
VCTRL1 = 1.3V, VCTRL2 = 1.3V
VCTRL1 = 1.4V, VCTRL2 = 1.4V
VCTRL1 = 1.5V, VCTRL2 = 1.5V
VCTRL1 = 1.6V, VCTRL2 = 1.6V
VCTRL1 = 1.7V, VCTRL2 = 1.7V
VCTRL1 = 1.8V, VCTRL2 = 1.8V
Figure 105. Noise Figure vs. RF Frequency at Various VCTRL Voltages (VCTRL1 =
VCTRL2), IF Mode, IF Frequency = 2 GHz, Upper Sideband
0
5
10
15
20
25
30
35
40
45
50
55
60
23
25
27
29
31
33
35
37
39
41
43
45
RF FREQUENCY (GHz)
VCTRL1 = 0V
VCTRL1 = 0.1V
VCTRL1 = 0.2V
VCTRL1 = 0.3V
VCTRL1 = 0.4V
VCTRL1 = 0.5V
VCTRL1 = 0.6V
VCTRL1 = 0.7V
VCTRL1 = 0.8V
VCTRL1 = 0.9V
VCTRL1 = 1.0V
VCTRL1 = 1.1V
VCTRL1 = 1.2V
VCTRL1 = 1.3V
VCTRL1 = 1.4V
VCTRL1 = 1.5V
VCTRL1 = 1.6V
VCTRL1 = 1.7V
VCTRL1 = 1.8V
Figure 106. Noise Figure vs. RF Frequency at Various VCTRL1 Voltages
(VCTRL2 = 1.8 V), IF Mode, IF Frequency = 2 GHz, Upper Sideband



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com