Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1013ACCZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADMV1013ACCZ-R7
Description  Wideband, Microwave Upconverter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1013ACCZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADMV1013ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
Data Sheet
ADMV1013
Rev. A | Page 21 of 39
RETURN LOSS AND ISOLATION
IF and I/Q amplitude = −20 dBm, VCC_DRV = VCC2_DRV = VCC_AMP2 = VCC_ENV = VCC_AMP1 = VCC_BG2 = VCC_MIXER =
VCC_BG = VCC_QUAD = 3.3 V, DVDD = VCC_VVA = 1.8 V, TA = 25°C, and set Register 0x0A to 0xE700, unless otherwise noted.
Measurements in IF mode performed with a 90° hybrid, Register 0x03, Bit 7 = 1, and fIF = 3.5 GHz.
Measurements in I/Q mode are measured as a composite of the I and Q channel performance, VCM = 0 V, Register 0x03, Bit 7 = 0, and
Register 0x05, Bits[6:0] = 0x051, unless otherwise noted. I/Q fBB = 100 MHz.
VCTRL1 = VCTRL2. VCTRL is the attenuation voltage at the VCTRL1 and VCTRL2 pins. VCTRL = 1800 mV, unless otherwise specified.
Envelope detector measurements made with Register 0x03, Bit 5 = 1.
0
–35
–30
–25
–20
–15
–10
–5
23
25
27
31
35
39
29
33
37
41
43
45
RF FREQUENCY (GHz)
0V
0.9V
1.8V
Figure 68. RF Return Loss vs. RF Frequency at Various VCTRL Voltages
–35
–30
–25
–20
–15
–10
–5
0
4
5
6
7
8
9
10
11
12
LO FREQUENCY (GHz)
LO DIFFERENTIAL
LOP
LON
Figure 69. LO Return Loss vs. LO Frequency
–35
–30
–25
–20
–15
–10
–5
0
0
1
2
3
4
5
6
7
IF FREQUENCY (GHz)
I SIDE
Q SIDE
Figure 70. IF Return Loss vs. IF Frequency (Taken Without Hybrid)
–35
–30
–25
–20
–15
–10
–5
0
0
1
2
3
4
5
6
7
FREQUENCY (GHz)
I SIDE
Q SIDE
Figure 71. I/Q Differential Return Loss vs. Frequency
(Taken Without Hybrids or Baluns)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com