Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1013ACCZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADMV1013ACCZ-R7
Description  Wideband, Microwave Upconverter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1013ACCZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADMV1013ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
ADMV1013
Data Sheet
Rev. A | Page 10 of 39
23
25
27
31
35
39
29
33
37
41
43
45
RF FREQUENCY (GHz)
+85°C UPPER SIDEBAND
+25°C UPPER SIDEBAND
–40°C UPPER SIDEBAND
28
0
10
2
14
18
12
6
4
8
16
20
22
24
26
Figure 10. Output IP3 vs. RF Frequency at Maximum Gain for
Various Temperatures, RF Amplitude = −20 dBm per Tone at 20 MHz
Spacing, fBB = 100 MHz (Upper Sideband)
23
25
27
31
35
39
29
33
37
41
43
45
RF FREQUENCY (GHz)
28
0
10
2
14
18
12
6
4
8
16
20
22
24
26
3.5V UPPER SIDEBAND
3.3V UPPER SIDEBAND
3.1V UPPER SIDEBAND
Figure 11. Output IP3 vs. RF Frequency at Maximum Gain for
Supply Voltages, RF Amplitude = −20 dBm per Tone at 20 MHz Spacing,
fBB = 100 MHz (Upper Sideband)
23
25
27
31
35
39
29
33
37
41
43
45
RF FREQUENCY (GHz)
28
0
10
2
14
18
12
6
4
8
16
20
22
24
26
+6dBm UPPER SIDEBAND
0dBm UPPER SIDEBAND
–6dBm UPPER SIDEBAND
Figure 12. Output IP3 vs. RF Frequency at Maximum Gain for
Various LO Inputs, RF Amplitude = −20 dBm per Tone at 20 MHz Spacing,
fBB = 100 MHz (Upper Sideband)
30
–20
0
–10
–5
–15
5
10
15
20
25
0
0.2
0.4
0.8
1.2
1.6
0.6
1.0
1.4
1.8
VCTRL (V)
39GHz UPPER SIDEBAND
28GHz UPPER SIDEBAND
Figure 13. Output IP3 vs. VCTRL, RF Amplitude = −20 dBm per Tone at
20 MHz Spacing, fBB = 100 MHz at fRF = 28 GHz and 39 GHz (Upper Sideband)
28
0
10
2
14
18
12
6
4
8
16
20
22
24
26
0
0.5 1.0
2.5
4.5
6.5
1.5
3.5
5.5
2.0
4.0
6.0
3.0
5.0
7.0
BASEBAND FREQUENCY (GHz)
39GHz UPPER BASEBAND
28GHz UPPER BASEBAND
39GHz LOWER BASEBAND
28GHz LOWER BASEBAND
Figure 14. Output IP3 vs. Baseband Frequency at fRF = 28 GHz and 39 GHz
at Maximum Gain, RF Amplitude = −20 dBm per Tone at 20 MHz Spacing
(Upper Sideband and Lower Sideband)
24.0
22.2
22.6
23.0
22.4
22.8
23.2
23.4
23.6
23.8
–20
–19
–18
–15
–11
–17
–13
–16
–12
–14
–10
TOTAL INPUT POWER (dBm)
39GHz UPPER SIDEBAND
28GHz UPPER SIDEBAND
Figure 15. Output IP3 vs. Total Input Power at 20 MHz Spacing,
fBB = 100 MHz, fRF = 28 GHz and 39 GHz (Upper Sideband)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com