Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1013ACCZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADMV1013ACCZ-R7
Description  Wideband, Microwave Upconverter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1013ACCZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADMV1013ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
Data Sheet
ADMV1013
Rev. A | Page 17 of 39
+85°C UPPER SIDEBAND
+25°C UPPER SIDEBAND
–40°C UPPER SIDEBAND
+85°C LOWER SIDEBAND
+25°C LOWER SIDEBAND
–40°C LOWER SIDEBAND
23
25
27
31
35
39
29
33
37
41
43
45
RF FREQUENCY (GHz)
20
–10
–5
0
5
10
15
Figure 51. Output P1dB vs. RF Frequency at Maximum Gain for Various
Temperatures, fIF = 3.5 GHz (Upper Sideband and Lower Sideband)
23
25
27
31
35
39
29
33
37
41
43
45
RF FREQUENCY (GHz)
20
–10
–5
0
5
10
15
3.5V UPPER SIDEBAND
3.3V UPPER SIDEBAND
3.1V UPPER SIDEBAND
3.5V LOWER SIDEBAND
3.3V LOWER SIDEBAND
3.1V LOWER SIDEBAND
Figure 52. Output P1dB vs. RF Frequency at Maximum Gain for Various
Supply Voltages, fIF = 3.5 GHz (Upper Sideband and Lower Sideband)
23
25
27
31
35
39
29
33
37
41
43
45
RF FREQUENCY (GHz)
–10
–5
0
5
10
15
+6dBm UPPER SIDEBAND
0dBm UPPER SIDEBAND
–6dBm UPPER SIDEBAND
+6dBm LOWER SIDEBAND
0dBm LOWER SIDEBAND
–6dBm LOWER SIDEBAND
Figure 53. Output P1dB vs. RF Frequency at Maximum Gain for Various
LO Inputs, fIF = 3.5 GHz (Upper Sideband and Lower Sideband)
20
–10
–5
0
5
10
15
0.5 1.0
2.5
4.5
6.5
1.5
3.5
5.5
2.0
4.0
6.0
3.0
5.0
7.0
IF FREQUENCY (GHz)
0
39GHz UPPER SIDEBAND
28GHz UPPER SIDEBAND
39GHz LOWER SIDEBAND
28GHz LOWER SIDEBAND
Figure 54. Output P1dB vs. IF Frequency at fRF = 28 GHz and 39 GHz at
Maximum Gain (Upper Sideband and Lower Sideband)
+85°C AT 39GHz
+25°C AT 39GHz
–40°C AT 39GHz
+85°C AT 28GHz
+25°C AT 28GHz
–40°C AT 28GHz
VCTRL (V)
20
–25
–15
–5
–10
–20
0
5
10
15
0.2
0
0.4
0.6
0.8
1.2
1.6
1.1
1.4
1.8
Figure 55. Output P1dB vs. VCTRL for Various Temperatures at
fRF = 28 GHz and 39 GHz, fIF = 3.5 GHz (Upper Sideband)
+85°C AT 39GHz
+25°C AT 39GHz
–40°C AT 39GHz
+85°C AT 28GHz
+25°C AT 28GHz
–40°C AT 28GHz
VCTRL (V)
20
–25
–15
–5
–10
–20
0
5
10
15
0.2
0
0.4
0.6
0.8
1.2
1.6
1.1
1.4
1.8
Figure 56. Output P1dB vs. VCTRL for Various Temperatures at
fRF = 28 GHz and 39 GHz, fIF = 3.5 GHz (Lower Sideband)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com