Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1013ACCZ-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # ADMV1013ACCZ-R7
Description  Wideband, Microwave Upconverter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1013ACCZ-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADMV1013ACCZ-R7 Datasheet HTML 29Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 30Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 31Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 32Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 33Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 34Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 35Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 36Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
Data Sheet
ADMV1013
Rev. A | Page 33 of 39
0
5
10
15
20
25
30
35
40
45
50
55
60
23
25
27
29
31
33
35
37
39
41
43
45
RF FREQUENCY (GHz)
VCTRL2 = 0V
VCTRL2 = 0.1V
VCTRL2 = 0.2V
VCTRL2 = 0.3V
VCTRL2 = 0.4V
VCTRL2 = 0.5V
VCTRL2 = 0.6V
VCTRL2 = 0.7V
VCTRL2 = 0.8V
VCTRL2 = 0.9V
VCTRL2 = 1.0V
VCTRL2 = 1.1V
VCTRL2 = 1.2V
VCTRL2 = 1.3V
VCTRL2 = 1.4V
VCTRL2 = 1.5V
VCTRL2 = 1.6V
VCTRL2 = 1.7V
VCTRL2 = 1.8V
Figure 107. Noise Figure vs. RF Frequency at Various VCTRL2 Voltages
(VCTRL1 = 1.8 V), IF Mode, IF Frequency = 2 GHz, Upper Sideband
RECOMMENDED LAND PATTERN
Solder the exposed pad on the underside of the ADMV1013 to a
low thermal and electrical impedance ground plane. This pad is
typically soldered to an exposed opening in the solder mask on
the evaluation board. Connect these ground vias to all other
ground layers on the evaluation board to maximize heat
dissipation from the device package.
Figure 108. Evaluation Board Layout for the LGA Package
EVALUATION BOARD INFORMATION
For more information about the ADMV1013 evaluation board,
refer to the ADMV1013-EVALZ user guide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com