Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1013ACCZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADMV1013ACCZ-R7
Description  Wideband, Microwave Upconverter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1013ACCZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADMV1013ACCZ-R7 Datasheet HTML 1Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
ADMV1013
Data Sheet
Rev. A | Page 4 of 39
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
ENVELOPE DETECTOR PERFORMANCE
Output Level
For optimum performance
Minimum
−45
dBm
Maximum
−20
dBm
Envelope Bandwidth
Measured with two tones with total
power output (POUT) at RF = 10 dBm
3 dB
RF frequency (fRF) = 28 GHz
350
MHz
10 dB
fRF = 28 GHz
1
GHz
RETURN LOSS
RF Output
50 Ω single-ended
−8
dB
LO Input
100 Ω differential
−12
dB
IF Input
50 Ω single-ended
−12
dB
BB Input
100 Ω differential
−10
dB
BB I/Q Input Impedance
100
Ω
LEAKAGE
At maximum gain
Fundamental LO to RF
−80
dBm
4 × LO to RF
5.4 GHz to 6.8 GHz LO
Uncalibrated
−12
dBm
6.8 GHz to 10.25 GHz LO
Uncalibrated
−20
dBm
5.4 GHz to 10.25 GHz LO
Calibrated using MXER_OFF_ADJ_I_N,
MXER_OFF_ADJ_I_P, MXER_OFF_
ADJ_Q_N, MXER_OFF_ADJ_Q_P bits at
VCTRL = 1800 mV, IF mode
−45
dBm
5 × LO to RF
−55
dBm
Fundamental LO to IF
−70
dBm
Fundamental LO to I/Q
−75
dBm
LOGIC INPUTS
Input Voltage Range
High, VINH
DVDD − 0.4
1.8
V
Low, VINL
0
0.4
V
Input Current, IINH/IINL
100
µA
Input Capacitance, CIN
3
pF
LOGIC OUTPUTS
Output Voltage Range
High, VOH
DVDD − 0.4
1.8
V
Low, VOL
0
0.4
V
Output High Current, IOH
500
µA
POWER INTERFACE
VCC_DRV, VCC2_DRV, VCC_AMP2, VCC_ENV,
VCC_AMP1, VCC_BG2, VCC_MIXER, VCC_BG,
VCC_QUAD
3.15
3.3
3.45
V
3.3 V Supply Current
VCTRL = 1.8 V, no IF and I/Q or LO input
signal
550
mA
DVDD, VCC_VVA
1.7
1.8
1.9
V
1.8 V Supply Current
VCTRL = 1.8 V, no IF and I/Q or LO input
signal
3
mA
Total Power Consumption
1.9
W
Power-Down
77
136
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com