Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1013ACCZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADMV1013ACCZ-R7
Description  Wideband, Microwave Upconverter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1013ACCZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADMV1013ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
ADMV1013
Data Sheet
Rev. A | Page 14 of 39
IF MODE
IF amplitude = −20 dBm, VCC_DRV = VCC2_DRV = VCC_AMP2 = VCC_ENV = VCC_AMP1 = VCC_BG2 = VCC_MIXER =
VCC_BG = VCC_QUAD = 3.3 V, DVDD = VCC_VVA = 1.8 V, TA = 25°C, and set Register 0x0A to 0xE700, unless otherwise noted.
VCTRL1 = VCTRL2. VCTRL is the attenuation voltage at the VCTRL1 and VCTRL2 pins. VCTRL = 1800 mV, unless otherwise specified.
Measurements in IF mode performed with a 90° hybrid, Register 0x03, Bit 7 = 1, and fIF = 3.5 GHz.
+85°C UPPER SIDEBAND
+25°C UPPER SIDEBAND
–40°C UPPER SIDEBAND
+85°C LOWER SIDEBAND
+25°C LOWER SIDEBAND
–40°C LOWER SIDEBAND
23
25
27
31
35
39
29
33
37
41
43
45
RF FREQUENCY (GHz)
28
0
10
2
14
18
12
6
4
8
16
20
22
24
26
Figure 33. Conversion Gain vs. RF Frequency at Maximum Gain for Various
Temperatures, fIF = 3.5 GHz (Upper Sideband and Lower Sideband)
3.5V UPPER SIDEBAND
3.3V UPPER SIDEBAND
3.1V UPPER SIDEBAND
3.5V LOWER SIDEBAND
3.3V LOWER SIDEBAND
3.1V LOWER SIDEBAND
23
25
27
31
35
39
29
33
37
41
43
45
RF FREQUENCY (GHz)
28
0
10
2
14
18
12
6
4
8
16
20
22
24
26
Figure 34. Conversion Gain vs. RF Frequency at Maximum Gain for Various
Supply Voltages, fIF = 3.5 GHz (Upper Sideband and Lower Sideband)
+6dBm UPPER SIDEBAND
0dBm UPPER SIDEBAND
–6dBm UPPER SIDEBAND
+6dBm LOWER SIDEBAND
0dBm LOWER SIDEBAND
–6dBm LOWER SIDEBAND
23
25
27
31
35
39
29
33
37
41
43
45
RF FREQUENCY (GHz)
28
0
10
2
14
18
12
6
4
8
16
20
22
24
26
Figure 35. Conversion Gain vs. RF Frequency at Maximum Gain for Various
LO Inputs, fIF = 3.5 GHz (Upper Sideband and Lower Sideband)
28
0
10
2
14
18
12
6
4
8
16
20
22
24
26
0.5 1.0
2.5
4.5
6.5
1.5
3.5
5.5
2.0
4.0
6.0
3.0
5.0
7.0
IF FREQUENCY (GHz)
39GHz UPPER SIDEBAND
28GHz UPPER SIDEBAND
39GHz LOWER SIDEBAND
28GHz LOWER SIDEBAND
Figure 36. Conversion Gain vs. IF Frequency at fRF = 28 GHz and 39 GHz at
Maximum Gain (Upper Sideband and Lower Sideband)
+85°C AT 39GHz
+25°C AT 39GHz
–40°C AT 39GHz
+85°C AT 28GHz
+25°C AT 28GHz
–40°C AT 28GHz
0
0.2
0.4
0.8
1.2
1.6
0.6
1.0
1.4
1.8
VCTRL (V)
30
–40
–20
–30
–10
0
10
20
Figure 37. Conversion Gain vs. VCTRL at Various Temperatures at
fRF = 28 GHz and 39 GHz, fIF = 3.5 GHz (Upper Sideband)
+85°C AT 39GHz
+25°C AT 39GHz
–40°C AT 39GHz
+85°C AT 28GHz
+25°C AT 28GHz
–40°C AT 28GHz
0
0.2
0.4
0.8
1.2
1.6
0.6
1.0
1.4
1.8
VCTRL (V)
30
–40
–20
–30
–10
0
10
20
Figure 38. Conversion Gain vs. VCTRL at Various Temperatures at
fRF = 28 GHz and 39 GHz, fIF = 3.5 GHz (Lower Sideband)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com