Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1013ACCZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADMV1013ACCZ-R7
Description  Wideband, Microwave Upconverter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1013ACCZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADMV1013ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
ADMV1013
Data Sheet
Rev. A | Page 6 of 39
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
VCC_DRV, VCC2_DRV, VCC_AMP2,
VCC_ENV, VCC_AMP1, VCC_BG2,
VCC_BG, VCC_MIXER
4.3 V
DVDD, VCC_VVA
2.3 V
IF Input Power
5 dBm
I/Q Input Power
5 dBm
LO Input Power
9 dBm
Maximum Junction Temperature
125°C
Maximum Power Dissipation1
2.9 W
Lifetime at Maximum Junction Temperature (TJ)
1 ×106 hours
Operating Case Temperature Range
−40°C to +85°C
Storage Temperature Range
−55°C to +125°C
Lead Temperature (Soldering 60 sec)
260°C
Moisture Sensitivity Level (MSL) Rating2
MSL3
Electrostatic Discharge (ESD) Sensitivity
Human Body Model (HBM)
1250 V
Field Induced Charged Device Model
(FICDM)
750 V
1
The maximum power dissipation is a theoretical number calculated by
(TJ − 85°C)/θJC_TOP.
2
Based on IPC/JEDEC J-STD-20 MSL classifications.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJA is the natural convection junction to ambient thermal
resistance measured in a one cubic foot sealed enclosure. θJC
is the junction to case thermal resistance.
θJA and θJC must only be used to compare thermal performance
of different packages if all test conditions listed are similar to
JEDEC specifications. Instead,
ѰJTandѰJBcanbeusedto
calculate the junction temperature of the device using the
following equations:
TJ = (P ×
ѰJT)+TTop(Equation1)
TTop: Refers to package top temperature (°C). TTop is measured at
the top-center of the package.
ѰJT:Referstojunction-to-topthermalcharacterizationnumber.
P: Refers to total power dissipation in the chip (W).
TJ = (P ×
ѰJB)+TBoard(Equation2)
TBoard: Refers to board temperature measured on the mid-point
of the longest side of the package no more than 1 mm from the
edge of the package body (°C).
ѰJB:Referstojunction-to-boardthermalcharacterizationnumber.
P: Refers to total power dissipation in the chip (W).
As stated in JEDEC51-12, Equation 1 and Equation 2 must only
be used when no heat sink/heat spreader is present. When a
heat sink/heat spreader is added, estimating and calculating
junction temperature can be achieved using θJC_TOP.
Table 4. Thermal Resistance
Package Type1
θJA2
θJC_TOP3
θJB4
ΨJT5
ΨJB6
Unit
CC-40-5
28
13.8
11.1
6.4
13.8
°C/W
1
The thermal resistance values specified in Table 4 are simulated based on
JEDEC specifications, unless specified otherwise, and must be used in
compliance with JESD51-12.
2
θJA is the junction to ambient thermal resistance in a natural convection,
JEDEC environment.
3
θJC_TOP is the junction to case (top) JEDEC thermal resistance.
4
θJB is the junction to board JEDEC thermal resistance.
5
ΨJT is the junction to top JEDEC thermal characterization parameter.
6
ΨJB is the junction to board JEDEC thermal characterization parameter.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com