Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1013ACCZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADMV1013ACCZ-R7
Description  Wideband, Microwave Upconverter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1013ACCZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADMV1013ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
ADMV1013
Data Sheet
Rev. A | Page 16 of 39
50
10
15
25
20
30
35
40
45
23
25
27
31
35
39
29
33
37
41
43
45
RF FREQUENCY (GHz)
+85°C UPPER SIDEBAND
+25°C UPPER SIDEBAND
–40°C UPPER SIDEBAND
+85°C LOWER SIDEBAND
+25°C LOWER SIDEBAND
–40°C LOWER SIDEBAND
Figure 45. Noise Figure vs. RF Frequency at Maximum Gain for Various
Temperatures, fIF = 3.5 GHz (Upper Sideband and Lower Sideband)
50
10
15
25
20
30
35
40
45
23
25
27
31
35
39
29
33
37
41
43
45
RF FREQUENCY (GHz)
3.5V UPPER SIDEBAND
3.3V UPPER SIDEBAND
3.1V UPPER SIDEBAND
3.5V LOWER SIDEBAND
3.3V LOWER SIDEBAND
3.1V LOWER SIDEBAND
Figure 46. Noise Figure vs. RF Frequency at Maximum Gain for Various
Supply Voltages, fIF = 3.5 GHz (Upper Sideband and Lower Sideband)
50
10
15
25
20
30
35
40
45
23
25
27
31
35
39
29
33
37
41
43
45
RF FREQUENCY (GHz)
+6dBm UPPER SIDEBAND
0dBm UPPER SIDEBAND
–6dBm UPPER SIDEBAND
+6dBm LOWER SIDEBAND
0dBm LOWER SIDEBAND
–6dBm LOWER SIDEBAND
Figure 47. Noise Figure vs. RF Frequency at Maximum Gain for Various
LO Inputs, fIF = 3.5 GHz (Upper Sideband and Lower Sideband)
0.5 1.0
2.5
4.5
6.5
1.5
3.5
5.5
2.0
4.0
6.0
3.0
5.0
7.0
IF FREQUENCY (GHz)
39GHz UPPER SIDEBAND
28GHz UPPER SIDEBAND
39GHz LOWER SIDEBAND
28GHz LOWER SIDEBAND
50
0
5
15
25
10
20
30
35
40
45
Figure 48. Noise Figure vs. IF Frequency at fRF = 28 GHz and 39 GHz at
Maximum Gain (Upper Sideband and Lower Sideband)
55
50
10
15
25
20
30
35
40
45
0
0.2
0.4
0.8
1.2
1.6
0.6
1.0
1.4
1.8
VCTRL (V)
+85°C UPPER SIDEBAND
+25°C UPPER SIDEBAND
–40°C UPPER SIDEBAND
+85°C LOWER SIDEBAND
+25°C LOWER SIDEBAND
–40°C LOWER SIDEBAND
Figure 49. Noise Figure vs. VCTRL at Various Temperatures, fIF = 3.5 GHz,
(Upper Sideband and Lower Sideband)
0
0.2
0.4
0.8
1.2
1.6
0.6
1.0
1.4
1.8
VCTRL (V)
+85°C AT 39GHz
+25°C AT 39GHz
–40°C AT 39GHz
+85°C AT 28GHz
+25°C AT 28GHz
–40°C AT 28GHz
50
10
15
25
20
30
35
40
45
Figure 50. Noise Figure vs. VCTRL for Various Temperatures at fRF = 28 GHz and
39 GHz, fIF = 3.5 GHz (Lower Sideband)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com