Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1013ACCZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADMV1013ACCZ-R7
Description  Wideband, Microwave Upconverter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1013ACCZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADMV1013ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
Data Sheet
ADMV1013
Rev. A | Page 7 of 39
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
ADMV1013
TOP VIEW
(Not to Scale)
RST 1
DVDD 2
SCLK 3
SDI 4
SDO 5
BG_RBIAS2 6
VCC_DRV
7
GND 8
RF 9
GND 10
VENV_N
21
VENV_P
22
VCC_BG2
23
IF_Q
24
Q_N
25
Q_P
26
GND
27
I_P
28
I_N
29
IF_I
30
11 12 13 14 15 16 17 18 19 20
31
32
33
34
35
36
37
38
39
40
NOTES
1. NIC = NOT INTERNALLY CONNECTED. THIS PIN IS NOT CONNECTED INTERNALLY.
2. EXPOSED PAD. SOLDER THE EXPOSED PAD TO A LOW IMPEDANCE GROUND PLANE.
Figure 3. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RST
SPI Reset. Connect this pin to logic high for normal operation. The SPI logic is 1.8 V.
2
DVDD
1.8 V SPI Digital Supply.
3
SCLK
SPI Clock Digital Input.
4
SDI
SPI Serial Data Input.
5
SDO
SPI Serial Data Output.
6
BG_RBIAS2
Voltage Gain Amplifier (VGA) Chip Band Gap Circuit, External High Precision Resistor. Place a 1.1 kΩ,
high precision resistor shunt to ground close to this pin.
7
VCC_DRV
3.3 V Power Supply for RF Driver. Place a 100 pF, a 0.01 µF, and a 10 µF capacitor close to this pin.
8, 10, 27, 36, 39
GND
Ground.
9
RF
RF Output. This pin is dc-coupled internally to GND and matched to 50 Ω single ended.
11
VCC2_DRV
3.3 V Power Supply for RF Predriver. Place a 100 pF, a 0.01 µF, and a 10 µF capacitor close to this pin.
12, 13, 31
NIC
Not Internally Connected. This pin is not connected internally.
14
VCC_VVA
1.8 V Power Supply for VVA Control Circuit. Place a 100 pF, 0.01 µF, and a 10 µF capacitor close to this pin.
15
VCTRL1
RF Voltage Variable Attenuator 1 (VVA1) Control Voltage. Place a 1 kΩ series resistor with this pin.
16
VCTRL2
RF Voltage Variable Attenuator 2 (VVA2) Control Voltage. Place a 1 kΩ series resistor with this pin.
17
VCC_AMP2
3.3 V Power Supply for RF Amplifier 2 (AMP2). Place a 100 pF, a 0.01 µF, and a 10 µF capacitor close to
this pin.
18
SEN2
SPI Serial Enable for VGA Chip. Connect this pin with Pin 40 (SEN).
19
VCC_ENV
3.3 V Power Supply for Envelope Detector. Place a 100 pF, a 0.01 µF, and a 10 µF capacitor close to this pin.
20
VCC_AMP1
3.3 V Power Supply for RF Amplifier 1 (AMP1). Place a 100 pF, a 0.01 µF, and a 10 µF capacitor close to
this pin.
21
VENV_N
Negative Differential Envelope Detector Output.
22
VENV_P
Positive Differential Envelope Detector Output.
23
VCC_BG2
3.3 V Power Supply for VGA Chip Band Gap Circuit. Place a 100 pF, a 0.01 µF, and a 10 µF capacitor
close to this pin.
24, 30
IF_Q, IF_I
IF Single-Ended Complex Inputs. These pins are internally ac-coupled. When in IF mode, Pin 25 (Q_P),
Pin 26 (Q_N), Pin 28 (I_P), and Pin 29 (I_N) must be kept floating.
25, 26
Q_N, Q_P
Differential Baseband Q Inputs. These pins are dc-coupled. Do not connect these pins in IF mode.
28, 29
I_P, I_N
Differential Baseband I Inputs. These pins are dc-coupled. Do not connect these pins in IF mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com