Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1013ACCZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADMV1013ACCZ-R7
Description  Wideband, Microwave Upconverter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1013ACCZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADMV1013ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
Data Sheet
ADMV1013
Rev. A | Page 11 of 39
50
0
5
15
25
10
20
30
35
40
45
23
25
27
31
35
39
29
33
37
41
43
45
RF FREQUENCY (GHz)
+85°C UPPER SIDEBAND
+25°C UPPER SIDEBAND
–40°C UPPER SIDEBAND
Figure 16. Noise Figure vs. RF Frequency at Maximum Gain for
Various Temperatures, fBB = 100 MHz (Upper Sideband)
50
0
5
15
25
10
20
30
35
40
45
23
25
27
31
35
39
29
33
37
41
43
45
RF FREQUENCY (GHz)
3.5V UPPER SIDEBAND
3.3V UPPER SIDEBAND
3.1V UPPER SIDEBAND
Figure 17. Noise Figure vs. RF Frequency for Various Supply Voltages,
fBB = 100 MHz (Upper Sideband)
50
0
5
15
25
10
20
30
35
40
45
23
25
27
31
35
39
29
33
37
41
43
45
RF FREQUENCY (GHz)
+6dBm UPPER SIDEBAND
0dBm UPPER SIDEBAND
–6dBm UPPER SIDEBAND
Figure 18. Noise Figure vs. RF Frequency for Various LO Inputs, fBB = 100 MHz
(Upper Sideband)
45
0
15
10
5
20
25
30
35
40
0
0.2
0.4
0.8
1.2
1.6
0.6
1.0
1.4
1.8
VCTRL (V)
+85°C AT 39GHz
+25°C AT 39GHz
–40°C AT 39GHz
+85°C AT 28GHz
+25°C AT 28GHz
–40°C AT 28GHz
Figure 19. Noise Figure vs. VCTRL for Various Temperatures at
fRF = 28 GHz 39 GHz, fBB = 100 MHz
50
0
5
15
25
10
20
30
35
40
45
0
0.5 1.0
2.5
4.5
6.5
1.5
3.5
5.5
2.0
4.0
6.0
3.0
5.0
7.0
BASEBAND FREQUENCY (GHz)
39GHz UPPER SIDEBAND
28GHz UPPER SIDEBAND
Figure 20. Noise Figure vs. Baseband Frequency at
fRF = 28 GHz and 39 GHz (Upper Sideband)
50
0
5
15
25
10
20
30
35
40
45
0
0.5 1.0
2.5
4.5
6.5
1.5
3.5
5.5
2.0
4.0
6.0
3.0
5.0
7.0
BASEBAND FREQUENCY (GHz)
39GHz LOWER SIDEBAND
28GHz LOWER SIDEBAND
Figure 21. Noise Figure vs. Baseband Frequency at
fRF = 28 GHz and 39 GHz (Lower Sideband)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com