Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1013ACCZ-R7 Datasheet(PDF) 34 Page - Analog Devices

Part # ADMV1013ACCZ-R7
Description  Wideband, Microwave Upconverter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1013ACCZ-R7 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADMV1013ACCZ-R7 Datasheet HTML 30Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 31Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 32Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 33Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 34Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 35Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 36Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 37Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
ADMV1013
Data Sheet
Rev. A | Page 34 of 39
REGISTER SUMMARY
Table 6.
Reg.
(Hex)
Register Name
Bits
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Reset
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
SPI_CONTROL
[15:8]
PARITY_EN
SPI_SOFT_
RESET
RESERVED
CHIP_ID
0x00A4
R/W
[7:0]
CHIP_ID
REVISION
01
ALARM
[15:8]
PARITY_
ERROR
TOO_FEW_
ERRORS
TOO_MANY_
ERRORS
ADDRESS_
RANGE_
ERROR
RESERVED
0x0000
R
[7:0]
RESERVED
02
ALARM_MASKS
[15:8]
PARITY_
ERROR_
MASK
TOO_FEW_
ERRORS_
MASK
TOO_MANY_
ERRORS_
MASK
ADDRESS_
RANGE_
ERROR_MASK
RESERVED
0xFFFF
R/W
[7:0]
RESERVED
03
ENABLE
[15:8]
VGA_PD
MIXER_PD
QUAD_PD
BG_PD
RESERVED
0x01D7
R/W
[7:0]
MIXER_IF_EN
RESERVED
DET_EN
RESERVED
05
LO_AMP_I
[15:8]
RESERVED
LOAMP_PH_ADJ_I_FINE
0x5051
R/W
[7:0]
LOAMP_
PH_ADJ_
I_FINE
MIXER_VGATE
06
LO_AMP_Q
[15:8]
RESERVED
LOAMP_PH_ADJ_Q_FINE
0x5000
R/W
[7:0]
LOAMP_
PH_ADJ_
Q_FINE
RESERVED
07
OFFSET_ADJUST_I
[15:8]
MXER_OFF_ADJ_I_P
MXER_OFF_
ADJ_I_N
0xFFFC
R/W
[7:0]
MXER_OFF_ADJ_I_N
RESERVED
08
OFFSET_ADJUST_Q
[15:8]
MXER_OFF_ADJ_Q_P
MXER_OFF_
ADJ_Q_N
0xFFFC
R/W
[7:0]
MXER_OFF_ADJ_Q_N[5:0]
RESERVED
09
QUAD
[15:8]
RESERVED
QUAD_SE_MODE
0x5700
R/W
[7:0]
QUAD_SE_MODE
RESERVED
QUAD_FILTERS
0A
VVA_TEMPERATURE_
COMPENSATION
[15:8]
VVA_TEMPERATURE_COMPENSATION
0x0000
R/W
[7:0]
VVA_TEMPERATURE_COMPENSATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com