Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5302AS Datasheet(PDF) 17 Page - Nippon Precision Circuits Inc

Part # SM5302AS
Description  3-channel Video Buffer with Built-in wideband LPF
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5302AS Datasheet(HTML) 17 Page - Nippon Precision Circuits Inc

Back Button SM5302AS Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 20Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 21Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
SM5302A
NIPPON PRECISION CIRCUITS INC.—17
Lowpass Filter
The IC has built-in 5th-order lowpass filters with variable cutoff frequency. The frequency range is determined
by the resistor (RISET) connected between ISET and GND, and the cutoff frequency is set by register FCDATA
data. The cutoff frequency vs. FCDATA values are listed in table 2, and shown graphically in figure 1.
Table 2. Cutoff frequency vs. FCDATA (RISET = 1.8kΩ)
FCDATA
FCSET
(hex)
Cutoff freq.
[MHz]
FCDATA
FCSET
(hex)
Cutoff freq.
[MHz]
FCDATA
FCSET
(hex)
Cutoff freq.
[MHz]
FCDATA
FCSET
(hex)
Cutoff freq.
[MHz]
0
00
4.74
64
40
17.19
128
80
7.80
192
C0
27.49
1
01
4.95
65
41
17.37
129
81
8.13
193
C1
27.77
2
02
5.15
66
42
17.55
130
82
8.47
194
C2
28.05
3
03
5.36
67
43
17.73
131
83
8.80
195
C3
28.33
4
04
5.56
68
44
17.91
132
84
9.13
196
C4
28.61
5
05
5.77
69
45
18.09
133
85
9.45
197
C5
28.89
6
06
5.97
70
46
18.27
134
86
9.78
198
C6
29.17
7
07
6.18
71
47
18.45
135
87
10.11
199
C7
29.44
8
08
6.38
72
48
18.63
136
88
10.44
200
C8
29.72
9
09
6.59
73
49
18.81
137
89
10.76
201
C9
30.00
10
0A
6.79
74
4A
18.99
138
8A
11.09
202
CA
30.27
11
0B
6.99
75
4B
19.17
139
8B
11.41
203
CB
30.55
12
0C
7.20
76
4C
19.35
140
8C
11.74
204
CC
30.82
13
0D
7.40
77
4D
19.52
141
8D
12.06
205
CD
31.09
14
0E
7.60
78
4E
19.70
142
8E
12.38
206
CE
31.36
15
0F
7.80
79
4F
19.88
143
8F
12.70
207
CF
31.63
16
10
8.00
80
50
20.05
144
90
13.02
208
D0
31.90
17
11
8.20
81
51
20.23
145
91
13.34
209
D1
32.17
18
12
8.40
82
52
20.40
146
92
13.66
210
D2
32.44
19
13
8.60
83
53
20.58
147
93
13.98
211
D3
32.71
20
14
8.80
84
54
20.75
148
94
14.30
212
D4
32.98
21
15
9.00
85
55
20.93
149
95
14.61
213
D5
33.24
22
16
9.20
86
56
21.10
150
96
14.93
214
D6
33.51
23
17
9.40
87
57
21.27
151
97
15.25
215
D7
33.77
24
18
9.60
88
58
21.45
152
98
15.56
216
D8
34.04
25
19
9.79
89
59
21.62
153
99
15.87
217
D9
34.30
26
1A
9.99
90
5A
21.79
154
9A
16.19
218
DA
34.56
27
1B
10.19
91
5B
21.96
155
9B
16.50
219
DB
34.83
28
1C
10.38
92
5C
22.13
156
9C
16.81
220
DC
35.09
29
1D
10.58
93
5D
22.30
157
9D
17.12
221
DD
35.35
30
1E
10.77
94
5E
22.47
158
9E
17.43
222
DE
35.61
31
1F
10.97
95
5F
22.65
159
9F
17.74
223
DF
35.87
32
20
11.16
96
60
22.81
160
A0
18.04
224
E0
36.12
33
21
11.36
97
61
22.98
161
A1
18.35
225
E1
36.38
34
22
11.55
98
62
23.15
162
A2
18.66
226
E2
36.64
35
23
11.75
99
63
23.32
163
A3
18.96
227
E3
36.89
36
24
11.94
100
64
23.49
164
A4
19.27
228
E4
37.15
37
25
12.13
101
65
23.66
165
A5
19.57
229
E5
37.40
38
26
12.32
102
66
23.83
166
A6
19.88
230
E6
37.65
39
27
12.52
103
67
23.99
167
A7
20.18
231
E7
37.91
40
28
12.71
104
68
24.16
168
A8
20.48
232
E8
38.16
41
29
12.90
105
69
24.33
169
A9
20.78
233
E9
38.41
42
2A
13.09
106
6A
24.49
170
AA
21.08
234
EA
38.66
43
2B
13.28
107
6B
24.66
171
AB
21.38
235
EB
38.91
44
2C
13.47
108
6C
24.82
172
AC
21.68
236
EC
39.16
45
2D
13.66
109
6D
24.99
173
AD
21.98
237
ED
39.40
46
2E
13.85
110
6E
25.15
174
AE
22.27
238
EE
39.65
47
2F
14.04
111
6F
25.31
175
AF
22.57
239
EF
39.90
48
30
14.23
112
70
25.48
176
B0
22.87
240
F0
40.14
49
31
14.41
113
71
25.64
177
B1
23.16
241
F1
40.39
50
32
14.60
114
72
25.80
178
B2
23.45
242
F2
40.63
51
33
14.79
115
73
25.97
179
B3
23.75
243
F3
40.87
52
34
14.98
116
74
26.13
180
B4
24.04
244
F4
41.11
53
35
15.16
117
75
26.29
181
B5
24.33
245
F5
41.36
54
36
15.35
118
76
26.45
182
B6
24.62
246
F6
41.60
55
37
15.54
119
77
26.61
183
B7
24.91
247
F7
41.84
56
38
15.72
120
78
26.77
184
B8
25.20
248
F8
42.07
57
39
15.91
121
79
26.93
185
B9
25.49
249
F9
42.31
58
3A
16.09
122
7A
27.09
186
BA
25.78
250
FA
42.55
59
3B
16.27
123
7B
27.25
187
BB
26.06
251
FB
42.79
60
3C
16.46
124
7C
27.41
188
BC
26.35
252
FC
43.02
61
3D
16.64
125
7D
27.57
189
BD
26.63
253
FD
43.26
62
3E
16.82
126
7E
27.73
190
BE
26.92
254
FE
43.49
63
3F
17.01
127
7F
27.88
191
BF
27.20
255
FF
43.73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com