Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5302AS Datasheet(PDF) 16 Page - Nippon Precision Circuits Inc

Part # SM5302AS
Description  3-channel Video Buffer with Built-in wideband LPF
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5302AS Datasheet(HTML) 16 Page - Nippon Precision Circuits Inc

Back Button SM5302AS Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 20Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
SM5302A
NIPPON PRECISION CIRCUITS INC.—16
(7) Filter bypass mode
Register name: CONDITION2
Flag name: BYPASS
This flag allows the lowpass filter to be bypassed. The output gain can be switched, even in filter bypass
mode. The input type, multiplexer function, and output gain can all be set just as in filter mode. However,
the cutoff frequency and fc mode settings have no effect on the outputs.
(8) Maximum number of slave addresses
Register name: CONDITION2
Flag name: NCA
The NCA flag sets the maximum number of slave addresses to either 2 or 3. The NCA setting modifies the
ADS input pin equivalent circuit as shown below.
When NCA
= LOW (max = 2), switches SW31 to SW33 are OFF, reducing the current consumed in com-
parison to when NCA
= HIGH (max = 3). Note that only 2 ADS input levels (LOW or HIGH) are valid.
When NCA
= HIGH (max = 3), switches SW31 to SW33 are ON and hence current is consumed regardless
of whether the ADS input is LOW, HIGH, or Open. However, note that 3 ADS input levels are valid.
Note. The default value for NCA is HIGH (max
= 3). If NCA is once set to LOW (max = 2) for a device
addressed by the setting when ADS is Open, that device is subsequently no longer accessible.
Flag name
Filter
Default
BYPASS
L
Filter mode
(signals pass through lowpass filter)
H
Filter bypass mode
(signals bypass lowpass filter)
Flag name
Maximum number of
slave address
Default
ADS level
Slave address
ADS pin
current flow
NCA
L
2
(2-address mode)
LOW
HIGH
Open
1001000
1001001
Invalid
No
H
3
(3-address mode)
LOW
HIGH
Open
1001000
1001001
1001010
Yes
ADS
Address
decoder
NCA=2
NCA=3
SW21
SW31
SW32
SW33
NCA=L(2)
NCA=H(3)
I C Control
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com