Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5302AS Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM5302AS
Description  3-channel Video Buffer with Built-in wideband LPF
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5302AS Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM5302AS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
SM5302A
NIPPON PRECISION CIRCUITS INC.—1
3-channel Video Buffer with Built-in wideband LPF
OVERVIEW
The SM5302A is a 3-channel video buffer with built-in 5th-order lowpass filters. The lowpass filter cutoff fre-
quency range can be linearly controlled from 4.8MHz to 43MHz*1. The lowpass filter supports 480i to 1080i
format, video signal equipment analog input/outputs. For video input systems, the device functions as a next-
stage ADC system anti-aliasing filter. For video output systems, the filter removes video DAC aliasing and
external noise and can drive a maximum of two 75
Ω terminated loads. The cutoff frequency, signal input type,
and output gain switching can be controlled using an I2C*2 control bus, and the I2C slave address can be set by
ADS (3-state input) to allow a maximum of three devices to be used simultaneously.
*1. When the resistor connected to ISET (RISET) is 1.8kΩ.
*2. I2C BUS is a registered trademark of Philips Electronics N.V.
FEATURES
I
Supply voltages
• Analog: 4.75 to 5.25V
• Digital: 3.0 to 5.5V
I
Lowpass filter with linearly adjustable cutoff fre-
quency (256 values)
• Cutoff frequency range: 4.8MHz to 43MHz
(RISET = 1.8kΩ)
I
Filter bypass mode function for display specifica-
tions up to SXGA resolution
• Passband: 80MHz (typ)
I
Half fc mode switch function (CH-2, CH-3) suit-
able for digital component signals
I
2-system input multiplexer function
(switchable using I2C or MUXSEL input)
I
Video input pins can be independently set to sync-
tip clamp/bias/direct inputs
I
Maximum two 75
Ω terminated load drive capability
I
Output gain switching: 0dB/6dB
I
Disable function
•
≤ 300µA current consumption when disabled
I
Output sag compensation circuit built-in
I
I2C interface control
• Slave address: 90h, 92h, or 94h (up to three
devices can be used simultaneously, selected by
ADS input)
• Data transfer rate: Fast mode (up to 400kbit/s)
I
Operating ambient temperature range: 0 to 70
°C
I
Package: 28-pin HSOP
APPLICATIONS
I
HDTVs
I
LCD TVs
I
PDPs
I
Projectors
ORDERING INFORMATION
PINOUT
(Top view)
PACKAGE DIMENSIONS
(Unit: mm)
Device
Package
SM5302AS
28-pin HSOP
VCC2
1
GND1
OUT1B
OUT1A
REF3
REF2
REF1
VDD
SDA
MUXSEL
OUT2A
OUT2B
GND2
VCC3
OUT3A
OUT3B
GND3
IN3B
IN2B
IN3A
IN2A
ISET
VSS
ADS
IN1B
IN1A
SCL
VCC1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1.3TYP
0.8
18.6 ± 0.3
5.15
0.35 ± 0.05
0.10
0.12 M
0.15 − 0.05
+ 0.1
0 to 10 °


Similar Part No. - SM5302AS

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5301 NPC-SM5301 Datasheet
178Kb / 12P
3-channel Video Buffer with Built-in Wideband Filters
SM5301AS NPC-SM5301AS Datasheet
178Kb / 12P
3-channel Video Buffer with Built-in Wideband Filters
SM5301BS NPC-SM5301BS Datasheet
204Kb / 15P
3-channel Video Buffer with Built-in Wideband Filters with Filter Through Function
SM5304AV NPC-SM5304AV Datasheet
244Kb / 12P
Video Buffer with Built-in Analog LPF
SM5304AV NPC-SM5304AV Datasheet
231Kb / 12P
Video Buffer with Built-in Analog LPF
More results

Similar Description - SM5302AS

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
LH4002A CALOGIC-LH4002A Datasheet
53Kb / 5P
Wideband Video Buffer
logo
Nippon Precision Circui...
SM5301 NPC-SM5301 Datasheet
178Kb / 12P
3-channel Video Buffer with Built-in Wideband Filters
SM5304AV NPC-SM5304AV Datasheet
244Kb / 12P
Video Buffer with Built-in Analog LPF
SM5301BS NPC-SM5301BS Datasheet
204Kb / 15P
3-channel Video Buffer with Built-in Wideband Filters with Filter Through Function
SM5304AV NPC-SM5304AV_06 Datasheet
231Kb / 12P
Video Buffer with Built-in Analog LPF
SM5320A NPC-SM5320A Datasheet
696Kb / 23P
5-channel Video Buffer with Built-in wideband LPF
logo
Sanyo Semicon Device
LV7150V_0712 SANYO-LV7150V_0712 Datasheet
107Kb / 7P
Switch for the Wideband Video Signal (with LPF)
logo
Nippon Precision Circui...
SM5309A NPC-SM5309A Datasheet
419Kb / 24P
3-channel Video Buffer with Built-in wideband LPF
SM5309B NPC-SM5309B Datasheet
409Kb / 24P
3-channel Video Buffer with Built-in wideband LPF
logo
3PEAK INC.
TPF113 3PEAK-TPF113 Datasheet
664Kb / 10P
Zero-PeakingTM, Ultra-low Power, 3-Channel SD Video Buffer with LPF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com