Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5302AS Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # SM5302AS
Description  3-channel Video Buffer with Built-in wideband LPF
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5302AS Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button SM5302AS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
SM5302A
NIPPON PRECISION CIRCUITS INC.—6
SPECIFICATIONS
Absolute Maximum Ratings
VSS = GND1 = GND2 = GND3 = 0V, VCC1 = VCC2 = VCC3 = VDD = VCC
Recommended Operating Conditions
Note. VCC1 to VCC3 should be applied simultaneously.
Electrical Characteristics
DC Characteristics
VCC = 5.0V, VDD = 3.0 to 5.5V, Ta = 25°C, fin = 100kHz, VIN = 1.0Vp-p, RISET = 1.8kΩ, RL = 75Ω,
CH-1 set to clamp input, CH-2 and CH-3 set to bias input, FCDATA
= 227, unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
Supply voltage
VCC
VCC1, VCC2, VCC3, VDD
− 0.3 to 7.0
V
Input voltage
VIN
MUXSEL, ADS, SDA, SCL,
INnA, INnB (n = 1, 2, 3)
GND – 0.3 to VCC + 0.3
V
Storage temperature range
TSTG
− 55 to + 125
°C
Power dissipation
PD
θja = 60°C/W
Note.
θja is the measured quantity
under the mounted condition
which NPC specified.
1.0
W
Junction temperature
TJ
125
°C
Parameter
Symbol
Condition
Rating
Unit
Supply voltage 1
VCC
VCC1, VCC2, VCC3
4.75 to 5.25
V
Supply voltage difference
∆VCC
VCC1
− VCC2, VCC1 − VCC3,
VCC2
− VCC3
± 0.1
V
Supply voltage 2
VDD
VDD
3.0 to 5.5
V
Operating ambient temperature
Ta
0 to 70
°C
Parameter
Symbol
Condition
Rating
Unit
Test
level
min
typ
max
Current consumption 1*1
*1. Sum of VCC1
+ VCC2 + VCC3 + VDD. No input signals.
ICC1
Filter mode, FCDATA = 255
−
130
155
mA
I
Current consumption 2*1
ICC2
Filter bypass mode
−
85
110
mA
I
Current consumption 3*1
ICC3
Power-down mode
,
3-address mode
−−
300
µAI
Current consumption 4*1
ICC4
Power-down mode ,
2-address mode
−−
250
µAI
HIGH-level input voltage
VIH1
SDA, SCL, MUXSEL,
Ta = 0 to 70
°C
0.7 VDD
−−
VI
LOW-level Input voltage
VIL1
SDA, SCL, MUXSEL,
Ta = 0 to 70
°C
−−
0.3 VDD
VI
ADS HIGH-level input voltage
VIH2
ADS, Ta = 0 to 70
°C
0.8 VDD
−−
VI
ADS LOW-level input voltage
VIL2
ADS, Ta = 0 to 70
°C
−−
0.2 VDD
VI
ADS open-circuit input voltage
VOPEN
ADS, Ta = 0 to 70
°C
VDD/2
− 0.2
−
VDD/2
+ 0.2
VI
LOW-level input leakage current
ILL
SDA, SCL, MUXSEL,
VIN = 0V
−−
1.0
µAI
HIGH-level input leakage current
ILH
SDA, SCL, MUXSEL,
VIN = VDD
−−
1.0
µAI
SDA output voltage
VOL
Sink current = 3mA
SDA = LOW output
0
−
0.4
V
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com