Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5302AS Datasheet(PDF) 23 Page - Nippon Precision Circuits Inc

Part # SM5302AS
Description  3-channel Video Buffer with Built-in wideband LPF
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5302AS Datasheet(HTML) 23 Page - Nippon Precision Circuits Inc

Back Button SM5302AS Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 20Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 21Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 22Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 23Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 24Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 25Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 26Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
SM5302A
NIPPON PRECISION CIRCUITS INC.—23
Figure 16. Gain and Phase characteristics
(6dB, standard fc mode, FCDATA
= 227)
Phase
Gain
-48
-42
-36
-30
-24
-18
-12
-6
0
6
12
0.1
1
10
100
Frequency [MHz]
-630
-540
-450
-360
-270
-180
-90
0
90
180
270
Figure 17. Gain and Group delay characteristics
(6dB, standard fc mode, FCDATA
= 227)
Gain
-48
-42
-36
-30
-24
-18
-12
-6
0
6
12
0
20
40
60
80
100
0
20
40
60
80
100
120
140
160
180
200
Frequency [MHz]
Group delay
Figure 18. Gain and Phase characteristics
(6dB, half fc mode, FCDATA
= 227)
-48
-42
-36
-30
-24
-18
-12
-6
0
6
12
0.1
1
10
100
Frequency [MHz]
-630
-540
-450
-360
-270
-180
-90
0
90
180
270
Phase
Gain
Figure 19. Gain and Group delay characteristics
(6dB, half fc mode, FCDATA
= 227)
Gain
-48
-42
-36
-30
-24
-18
-12
-6
0
6
12
0
20
40
60
80
100
0
20
40
60
80
100
120
140
160
180
200
Frequency [MHz]
Group delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com