Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5302AS Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # SM5302AS
Description  3-channel Video Buffer with Built-in wideband LPF
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5302AS Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button SM5302AS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 11Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
SM5302A
NIPPON PRECISION CIRCUITS INC.—7
AC Characteristics (I2C)
VCC = 5.0V, VDD = 3.0 to 5.5V, Ta = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
Test
level
min
typ
max
SCL clock frequency
fSCL
0
−
400
kHz
II
SCL hold time (start condition)
tHD;STA
0.6
−−
µsII
SCL clock LOW-level pulsewidth
tLOW
1.3
−−
µsII
SCL clock HIGH-level pulsewidth
tHIGH
0.6
−−
µsII
SCL setup time (start condition)
tSU;STA
0.6
−−
µsII
SDA data hold time
tHD;DAT
0.15*1
*1. This value is not conforming to the I2C BUS specification established by Philips Corporation.
−
0.9
µsII
SDA data setup time
tSU;DAT
100
−−
ns
II
SDA, SCL rise time
tr
−−
300
ns
II
SDA, SCL fall time
tf
−−
300
ns
II
SCL setup time (stop condition)
tSU;STO
0.6
−−
µsII
SDA, SCL input capacitance
Ci
−−
10
pF
II
SCL
SDA
tBUF
tSU;STO
tr
tLOW
tSU;DAT
tf
tHIGH
tSU;STA
tHD;STA
tHD;STA
tHD;DAT
SSr
P
tf
tr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com