Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5302AS Datasheet(PDF) 10 Page - Nippon Precision Circuits Inc

Part # SM5302AS
Description  3-channel Video Buffer with Built-in wideband LPF
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5302AS Datasheet(HTML) 10 Page - Nippon Precision Circuits Inc

Back Button SM5302AS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 14Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
SM5302A
NIPPON PRECISION CIRCUITS INC.—10
Reference Voltage Characteristics (REF)
VCC = 5.0V, VDD = 3.0 to 5.5V, Ta = 25°C, unless otherwise noted.
Test level
I : 100% of products tested at Ta = + 25
°C.
II : Guaranteed as result of design and characteristics evaluation.
Mode Condition Settings
Parameter
Symbol
Condition
Rating
Unit
Test
level
min
typ
max
REF output voltage
VR1
REF1
−
2.45
−
VII
VR2
REF2
−
2.65
−
VII
VR3
REF3
−
1.90
−
VII
Table 1. Mode settings
Mode setting
Input type
Output gain
fc mode
Filter/Bypass mode
CH-1
CH-2
CH-3
a0
Clamp
Bias
Bias
0dB
Standard
Filter
a6
6dB
b0
Bias
0dB
b6
6dB
c0
Clamp
0dB
c6
6dB
d0
Bias
0dB
Half
d6
6dB
e0
Clamp
0dB
e6
6dB
f0
Bias
0dB
−
Bypass
f6
6dB
g0
Clamp
0dB
g6
6dB
h0
Direct
0dB
Standard
Filter
h6
6dB
i0
0dB
Half
i6
6dB
j0
0dB
−
Bypass
j6
6dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com