Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5302AS Datasheet(PDF) 12 Page - Nippon Precision Circuits Inc

Part # SM5302AS
Description  3-channel Video Buffer with Built-in wideband LPF
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5302AS Datasheet(HTML) 12 Page - Nippon Precision Circuits Inc

Back Button SM5302AS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 16Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
SM5302A
NIPPON PRECISION CIRCUITS INC.—12
FUNCTIONAL DESCRIPTION
I2C BUS Control
The SM5302A uses an I2C BUS interface to set the following functions.
1) Cutoff frequency
2) Output gain
3) fc mode switching (1/2 cutoff frequency switching)
4) Filter mode/filter bypass mode switching
5) Input multiplexer selection
6) Input type switching (sync-tip clamp, bias, direct)
7) Disable function
8) Maximum number of slave addresses
It supports fast-mode data transfer rate (up to 400kbit/s).
Note that the SM5302A does not have a read function (IC is write only).
Basic cycle
The basic access cycle comprises the following elements.
1) Start condition
2) 1st byte: Slave address
3) 2nd byte: Subaddress
4) 3rd byte: Control data
5) Stop condition
If the input data does not match the slave address or the subaddress is incorrect, the corresponding ACK
(acknowledge) bit is not output LOW. However, the ACK bit is output after 3rd byte irrespective of the byte
data. Also note that the IC does not have a subaddress auto-increment function, hence each subaddress
access requires all the basic cycle steps 1 to 5.
I2C start/stop condition
SDA
SCL
Start condition
Stop condition
SCL
1
SDA
Start
Stop
1st byte:Slave address
2nd byte:Subaddress
3rd byte:Control data
D7
D6
D1
D0
Low
ACK
D7
D6
D1
D0
ACK
D7
D6
D1
D0
ACK
27
8
9
1
2
7
8
9
1
2
7
8
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com