Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5302AS Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # SM5302AS
Description  3-channel Video Buffer with Built-in wideband LPF
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5302AS Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM5302AS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 12Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
SM5302A
NIPPON PRECISION CIRCUITS INC.—8
Analog Characteristics
Analog input characteristics
VCC = 5.0V, VDD = 3.0 to 5.5V, Ta = 25°C, fin = 100kHz, VIN = 1.0Vp-p, RISET = 1.8kΩ, RL = 75Ω,
CH-1 set to clamp input, CH-2 and CH-3 set to bias input, FCDATA
= 227, unless otherwise noted.
Internal mode settings are shown in table 1 in "Mode Condition Settings".
Parameter
Symbol
Condition
Rating
Unit
Test
level
min
typ
max
Clamp voltage
VCLMP
Clamp input
1.8
2.0
2.2
V
I
Bias voltage
VBIAS
Bias input
2.2
2.4
2.6
V
I
Input resistance
RBIAS
Bias input
−
20
−
k
Ω
II
Filter mode maximum input
voltage
VAI1
Mode: b0 (bias, 0dB), THD
< 1.0%
1.4
−−
Vp-p
I
VAI2
Mode: b6 (bias, 6dB), THD
< 1.0%
1.4
−−
Vp-p
I
VAI3
Mode: c0 (clamp, 0dB), THD
< 1.0%
1.4
−−
Vp-p
I
VAI4
Mode: c6 (clamp, 6dB), THD
< 1.5%
1.0
−−
Vp-p
I
Bias mode maximum input
voltage
VAI5
Mode: f0 (bias, 0dB), THD
< 1.0%
1.4
−−
Vp-p
I
VAI6
Mode: f6 (bias, 6dB), THD
< 1.5%
1.2
−−
Vp-p
I
VAI7
Mode: g0 (clamp, 0dB), THD
< 1.0%
1.4
−−
Vp-p
I
VAI8
Mode: g6 (clamp, 6dB), THD
< 1.5%
1.0
−−
Vp-p
I
Direct mode input
DC voltage range
VIDC1
Mode: h0 , THD
< 1.5%,
VIN < 1.4Vp-p
1.5
−
3.5
V
I
VIDC2
Mode: h6, THD
< 1.5%,
VIN < 1.2Vp-p
1.7
−
3.0
V
I
VIDC3
Mode: j0 , THD
< 1.5%,
VIN < 1.4Vp-p
1.1
−
3.3
V
I
VIDC4
Mode: j6, THD
< 1.5%,
VIN < 1.2Vp-p
1.4
−
2.9
V
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com