Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5302AS Datasheet(PDF) 13 Page - Nippon Precision Circuits Inc

Part # SM5302AS
Description  3-channel Video Buffer with Built-in wideband LPF
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5302AS Datasheet(HTML) 13 Page - Nippon Precision Circuits Inc

Back Button SM5302AS Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 17Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
SM5302A
NIPPON PRECISION CIRCUITS INC.—13
1st byte: slave address
The ADS pin can set one of three slave addresses. Note that D0 must be “0 (Write)”.
The 2nd byte sets the subaddress, selecting one of three registers.
3rd byte: control data
The 3rd byte control data sets the register flags corresponding to the subaddress selected by 2nd byte. The flags
assigned are shown in the following table.
ADS
1st byte: slave address
HEX
D7
D6
D5
D4
D3
D2
D1
D0
L
90h
1001000
0 (W)
H
92h
1001001
0 (W)
Open*1
*1. When ADS is open (94h), I2C control may not be able to set the address. See “P16. (8) Maximum number of slave addresses.”
2nd byte: subaddress
94h
1001010
0 (W)
Register name
2nd byte: subaddress
HEX
D7
D6
D5
D4
D3
D2
D1
D0
FCSET
01h
00000001
CONDITION1
02h
00000010
CONDITION2
03h
00000011
Register name
3rd byte: control data
D7
D6
D5
D4
D3
D2
D1
D0
FCSET
FCM
FC6
FC5
FC4
FC3
FC2
FC1
FC0
CONDITION1
CB5
CB4
CB3
CB2
CB1
CB0
−
GS
CONDITION2
PD
MUX
HALF
BYPASS
−
NCA
−−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com