Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5302AS Datasheet(PDF) 14 Page - Nippon Precision Circuits Inc

Part # SM5302AS
Description  3-channel Video Buffer with Built-in wideband LPF
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5302AS Datasheet(HTML) 14 Page - Nippon Precision Circuits Inc

Back Button SM5302AS Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 18Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
SM5302A
NIPPON PRECISION CIRCUITS INC.—14
Flag settings
(1) Cutoff frequency
Register name: FCSET
Flag names: FCM, FC [6:0]
The FCSET register setting sets the cutoff frequency using one of two tuning adjustment functions, thus a
total of 256 values are possible. The cutoff frequency is determined by the following equations. The values
are shown in “Lowpass Filter”.
• FCDATA
= 0 to 127 : fc = k11 × FCDATA2 + k12 × FCDATA + k13 [MHz]
• FCDATA
= 128 to 255: fc = k21 × FCDATA2 + k22 × FCDATA + k23 [MHz]
The coefficients when RISET = 1.8kΩ are:
• k11
= − 1.95e − 4, k12 = 2.07e − 1, k13 = 4.74
• k21
= − 3.92e − 4, k22 = 4.33e − 1, k23 = − 41.2
(2) Input type switching (sync-tip clamp, bias, direct)
Register name: CONDITION1
Flag names: CB [5:4], CB [3:2], CB [1:0]
These flags set the input type of CH-1, CH-2, and CH-3 to one of three types: sync-tip clamp input, bias
input, or direct input.
FCDATA
FCSET
Flag name
Cutoff
frequency
[MHz]
Default
FCM
FC6
FC5
FC4
FC3
FC2
FC1
FC0
0
00h
00000000
4.74
1
01h
00000001
4.95
2
02h
00000010
5.15
:
125
7Dh
01111101
27.57
126
7Eh
01111110
27.73
127
7Fh
01111111
27.88
128
80h
10000000
7.80
129
81h
10000001
8.13
130
82h
10000010
8.47
:
253
FDh
11111101
43.26
254
FEh
11111110
43.49
255
FFh
11111111
43.73
Channel
Flag name
Input type
Default
CH-1
CH-2
CH-3
CB5
CB3
CB1
CB4
CB2
CB0
L
L
Sync-tip clamp input
L
H
Bias input
H
Don't care
Direct input*1
*1. An input coupling capacitor should not be connected when direct input is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com