Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5302AS Datasheet(PDF) 20 Page - Nippon Precision Circuits Inc

Part # SM5302AS
Description  3-channel Video Buffer with Built-in wideband LPF
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5302AS Datasheet(HTML) 20 Page - Nippon Precision Circuits Inc

Back Button SM5302AS Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 20Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 21Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 22Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 23Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 24Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
SM5302A
NIPPON PRECISION CIRCUITS INC.—20
USAGE PRECAUTIONS
Slave Address (94h) Setting
When slave address 94h is used, the ADS input must be left open circuit. In this case, an external resistor
should be connected as shown in figure 6 to reduce the risk of malfunction due to large external spikes or other
noise. The recommended value is 10k
Ω.
Oscillation Prevention Capacitor Connection
If the sag compensation circuit is used with 2 output capacitors connected, the capacitors should be mounted
within approximately 8cm of the IC pins. If the distance exceeds 8cm, they may cause an oscillation. A 15pF
oscillation prevention capacitor should be connected between OUTnA and OUTnB. If the sag compensation
circuit is not used, OUTnA is connected to OUTnB. As there is only 1 output capacitor, an oscillation preven-
tion capacitor is not required.
Unused Analog Inputs
It is recommended that unused analog inputs should be connected to ground through a capacitor as shown in
figure 8.
Direct Input Mode
In direct input mode, the signal is connected to the input without an input capacitor. However, the input DC
voltage range varies with the mode setting, hence the signal must be appropriately biased for the corresponding
mode. The recommended LOW-level voltage (VL) and HIGH-level voltage (VH) for each mode is shown in
table 3 (see figure 9, VCC = 5V). If the input voltage exceeds these limits, harmonic distortion may occur in the
output signal. Note that even if these limits are exceeded, device breakdown will not occur if still within the
absolute maximum ratings.
Figure 6. Slave address 94h setting
VDD
VSS
ADS
10k
10k
Slave address
= 94h
Figure 7. Oscillation prevention capacitor connection
OUTnA
OUTnB
> 8cm
15p
Figure 8. Unused analog inputs
INnA
(Used input)
INnB
(Unused input)
Video Signal In
Figure 9. Direct input mode
Video Signal In
INnA
INnB
VCC
VH
VL
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com