Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5302AS Datasheet(PDF) 18 Page - Nippon Precision Circuits Inc

Part # SM5302AS
Description  3-channel Video Buffer with Built-in wideband LPF
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5302AS Datasheet(HTML) 18 Page - Nippon Precision Circuits Inc

Back Button SM5302AS Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 20Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 21Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 22Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
SM5302A
NIPPON PRECISION CIRCUITS INC.—18
RISET
RISET controls the internal current source, and its connection is essential. The recommended value is 1.8kΩ.
In disable mode and filter bypass mode, the ISET pin is high impedance, and no current flows into RISET.
Note. A value other than 1.8k
Ω will change the current consumption, so caution should be taken to ensure the
power dissipation does not exceed the absolute maximum rating for the package.
Half fc Mode
In half fc mode, the CH-2 and CH-3 cutoff frequency is 1/2 that of the CH-1 cutoff frequency setting. Half fc
mode is useful for systems where the sampling frequency varies due to luminance (Y) and color difference sig-
nal (Cr, Cb) requirements as in digital component signals. Note in figure 2 that the cutoff frequency ratio for a
given cutoff frequency setting (FCDATA) is not constant.
Group Delay Characteristics
The group delay varies with the cutoff frequency setting, as shown in figure 3. Note also that in half fc mode,
the group delay between CH-1 and CH-2/CH-3 varies.
* Ratio of CH-2 and CH-3 cutoff frequency at half fc mode based on
CH-1 cutoff frequency.
Figure 1. Cutoff frequency vs. FCDATA (RISET = 1.8kΩ)
40
45
50
0
32
64
96
128
160
192
224
256
0
5
10
15
20
25
30
35
FCDATA
Figure 2. Cutoff frequency ratio (half fc mode)
50%
52%
54%
56%
58%
60%
0
32
64
96
128
FCDATA
160 192 224 256
40%
42%
44%
46%
48%
HALF = High
RISET = 1.8k
Ω
Figure 3. Group delay characteristics
Frequency [MHz]
0
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
FCDATA = 227
FCDATA = 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com