Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5302AS Datasheet(PDF) 9 Page - Nippon Precision Circuits Inc

Part # SM5302AS
Description  3-channel Video Buffer with Built-in wideband LPF
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5302AS Datasheet(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button SM5302AS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 13Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
SM5302A
NIPPON PRECISION CIRCUITS INC.—9
Filter mode and bypass mode frequency characteristics
VCC = 5.0V, VDD = 3.0 to 5.5V, Ta = 25°C, fin = 100kHz, VIN = 1.0Vp-p, RISET = 1.8kΩ, RL = 75Ω,
CH-1 set to clamp input, CH-2 and CH-3 set to bias input, FCDATA
= 227, unless otherwise noted.
Analog output characteristics
VCC = 5.0V, VDD = 3.0 to 5.5V, Ta = 25°C, fin = 100kHz, VIN = 1.0Vp-p, RISET = 1.8kΩ, RL = 75Ω,
CH-1 set to clamp input, CH-2 and CH-3 set to bias input, FCDATA
= 227, unless otherwise noted.
Internal mode settings are shown in table 1 in "Mode Condition Settings".
Parameter
Symbol
Condition
Rating
Unit
Test
level
min
typ
max
Cutoff frequency
FC1
FCDATA = 0
−
4.74
−
MHz
II
FC2
FCDATA = 10
5.98
6.79
7.60
MHz
I
FC3
FCDATA = 227
32.5
36.89
41.3
MHz
I
FC4
FCDATA = 255
−
43.73
−
MHz
II
Half fc mode cutoff frequency
ratio
Rhalf1
Half fc mode, FCDATA = 10
44
49
54
%
I
Rhalf2
Half fc mode, FCDATA = 227
49
54
59
%
I
4fc attenuation
GSB
fin
≥ 4fc, attenuation from
fin = 100kHz
−
50
−
dB
II
Filter bypass mode passband
FBP
VIN = 0.7Vp-p, Gain = − 1dB
68
80
−
MHz
I
Parameter
Symbol
Condition
Rating
Unit
Test
level
min
typ
max
Filter mode output gain
AVF1
Gain = 0dB
− 0.5
0
0.5
dB
I
AVF2
Gain = 6dB
5.5
6.0
6.5
dB
I
Filter bypass mode output gain
AVB1
Gain = 0dB
− 0.5
0
0.5
dB
I
AVB2
Gain = 6dB
5.5
6.0
6.5
dB
I
Filter bypass mode gain error
dAVBP
Gain error between filter mode and
bypass mode
−± 0.2
−
dB
I
Channel to channel gain error
dAVCH
−−
± 0.2
dB
I
Maximum output voltage
Vout1
Mode: b0, c0 (0dB), THD
< 1.0%
1.4
−−
Vp-p
I
Vout2
Mode: b6, c6 (6dB), THD
< 1.5%
2.4
−−
Vp-p
I
Output distortion
THDB1
Mode: b0, fin = 1kHz, VIN = 1.4Vp-p
−
0.2
1.0
%
I
THDB2
Mode: b6, fin = 1kHz, VIN = 1.2Vp-p
−
0.2
1.0
%
I
THDC1
Mode: c0, fin = 1kHz, VIN = 1.4Vp-p
−
0.2
1.0
%
I
THDC2
Mode: c6, fin = 1kHz, VIN = 1.0Vp-p
−
0.5
1.5
%
I
Channel to channel crosstalk
XTLK1
0.5Vp-p input, fin = 1MHz,
between 2 channels
−− 71
−
dB
II
MUX input to input crosstalk
XTLK2
0.5Vp-p input, fin = 1MHz,
between INnA-INnB, 6dB
−− 50
−
dB
II
Drive load resistance
RL
1 load = 150
Ω−
−
2
load
I
I2C response time
TIC
Response time from ACK bit output
when changing I2C settings
−−
1
µsII
MUXSEL switch response time
TMS
Response time at L
→ H, H → L
−−
1
µsII



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com