Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5302AS Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # SM5302AS
Description  3-channel Video Buffer with Built-in wideband LPF
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5302AS Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  SM5302AS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
SM5302A
NIPPON PRECISION CIRCUITS INC.—3
PIN DESCRIPTION
Number
Name
I/O*1
*1. I: input, O: output
A/D*2
*2. A: analog, D: digital
Description
1
REF1
O
A
Internal reference voltage 1
2
VDD
−
D
Digital supply (3.0 to 5.5V)
3
SDA
I/O
D
I2C data signal input/output
4
SCL
I
D
I2C clock signal input
5
VSS
−
D
Digital ground
6
MUXSEL
I
D
Input multiplexer switch control
7
ADS
I
D
I2C slave address select (3-state input)
8
IN1A
I
A
Video signal input (CH-1, input A)
9
IN1B
I
A
Video signal input (CH-1, input B)
10
ISET
−
A
Internal current-setting resistor (RISET) connection (standard 1.8kΩ)
11
IN2A
I
A
Video signal input (CH-2, input A)
12
IN2B
I
A
Video signal input (CH-2, input B)
13
IN3A
I
A
Video signal input (CH-3, input A)
14
IN3B
I
A
Video signal input (CH-3, input B)
15
GND3
−
A
Analog ground (CH-3)
16
OUT3B
O
A
Video signal output (CH-3, for sag compensation)
17
OUT3A
O
A
Video signal output (CH-3)
18
VCC3
−
A
Analog supply (CH-3) (4.75 to 5.25V)
19
GND2
−
A
Analog ground (CH-2)
20
OUT2B
O
A
Video signal output (CH-2, for sag compensation)
21
OUT2A
O
A
Video signal output (CH-2)
22
VCC2
−
A
Analog supply (CH-2) (4.75 to 5.25V)
23
GND1
−
A
Analog ground (CH-1, Vref)
24
OUT1B
O
A
Video signal output (CH-1, for sag compensation)
25
OUT1A
O
A
Video signal output (CH-1)
26
VCC1
−
A
Analog supply (CH-1, Vref) (4.75 to 5.25V)
27
REF3
O
A
Internal reference voltage 3
28
REF2
O
A
Internal reference voltage 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com