Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S24CS0 Datasheet(PDF) 6 Page - ABLIC Inc.

Part # S24CS0
Description  FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S24CS0 Datasheet(HTML) 6 Page - ABLIC Inc.

Back Button S24CS0 Datasheet HTML 2Page - ABLIC Inc. S24CS0 Datasheet HTML 3Page - ABLIC Inc. S24CS0 Datasheet HTML 4Page - ABLIC Inc. S24CS0 Datasheet HTML 5Page - ABLIC Inc. S24CS0 Datasheet HTML 6Page - ABLIC Inc. S24CS0 Datasheet HTML 7Page - ABLIC Inc. S24CS0 Datasheet HTML 8Page - ABLIC Inc. S24CS0 Datasheet HTML 9Page - ABLIC Inc. S24CS0 Datasheet HTML 10Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
FOR AUTOMOTIVE 105
°C OPERATION 2-WIRE SERIAL E
2PROM
S-24CS01A/02A/04A H Series
Rev.3.1_03
6
AC Electrical Characteristics
Table 11 Measurement Conditions
VCC
R = 1.0 k
Ω
SDA
C = 100 pF
Input pulse voltage
0.1
×VCC to 0.9×VCC
Input pulse rising / falling time
20 ns
Output judgment voltage
0.5
×VCC
Output load
100 pF
+ Pull-up resistor 1.0 kΩ
Figure 5 Output Load Circuit
Table 12
Item
−40°C to +85°C
+85°C to +105°C
Unit
Symbol
VCC =
4.5 V to 5.5 V
VCC =
2.55 V to 4.5 V
VCC =
1.8 V to 2.55 V
VCC =
2.55 V to 5.5 V
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
SCL clock frequency
fSCL
0
400
0
400
0
100
0
350
kHz
SCL clock time "L"
tLOW
1.0
⎯
1.0
⎯
4.7
⎯
1.1
⎯
μs
SCL clock time "H"
tHIGH
0.9
⎯
0.9
⎯
4.0
⎯
1.0
⎯
μs
SDA output delay time
tAA
0.1
0.9
0.1
0.9
0.1
3.5
0.1
1.0
μs
SDA output hold time
tDH
50
⎯
50
⎯
100
⎯
50
⎯
ns
Start condition setup time
tSU.STA
0.6
⎯
0.6
⎯
4.7
⎯
0.6
⎯
μs
Start condition hold time
tHD.STA
0.6
⎯
0.6
⎯
4.0
⎯
0.6
⎯
μs
Data input setup time
tSU.DAT
100
⎯
100
⎯
200
⎯
100
⎯
ns
Data input hold time
tHD.DAT
0
⎯
0
⎯
0
⎯
0
⎯
ns
Stop condition setup time
tSU.STO
0.6
⎯
0.6
⎯
4.0
⎯
0.6
⎯
μs
SCL, SDA rising time
tR
⎯
0.3
⎯
0.3
⎯
1.0
⎯
0.3
μs
SCL, SDA falling time
tF
⎯
0.3
⎯
0.3
⎯
0.3
⎯
0.3
μs
Bus release time
tBUF
1.3
⎯
1.3
⎯
4.7
⎯
1.3
⎯
μs
Noise suppression time
tI
⎯
50
⎯
100
⎯
100
⎯
50
ns
SCL
SDA IN
SDA OUT
tBUF
tR
tSU.STO
tSU.DAT
tHD.DAT
tDH
tAA
tHIGH
tLOW
tHD.STA
tSU.STA
tF
Figure 6 Bus Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com