Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S24CS0 Datasheet(PDF) 17 Page - ABLIC Inc.

Part # S24CS0
Description  FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S24CS0 Datasheet(HTML) 17 Page - ABLIC Inc.

Back Button S24CS0 Datasheet HTML 13Page - ABLIC Inc. S24CS0 Datasheet HTML 14Page - ABLIC Inc. S24CS0 Datasheet HTML 15Page - ABLIC Inc. S24CS0 Datasheet HTML 16Page - ABLIC Inc. S24CS0 Datasheet HTML 17Page - ABLIC Inc. S24CS0 Datasheet HTML 18Page - ABLIC Inc. S24CS0 Datasheet HTML 19Page - ABLIC Inc. S24CS0 Datasheet HTML 20Page - ABLIC Inc. S24CS0 Datasheet HTML 21Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
FOR AUTOMOTIVE 105
°C OPERATION 2-WIRE SERIAL E
2PROM
Rev.3.1_03
S-24CS01A/02A/04A H Series
17
7. 3 Sequential read
When the S-24CS01A/02A/04A receives a 7-bit device address and a 1-bit read / write instruction code set to "1"
following a start condition both in current and random read operations, it responds with an acknowledge.
An 8-bit data is then sent from the S-24CS01A/02A/04A synchronous to the SCL clock and the address counter is
automatically incremented at the falling edge of the SCL clock for the 8th bit data.
When the master device responds with an acknowledge, the data at the next memory address is transmitted.
Response with an acknowledge by the master device has the memory address counter in the S-24CS01A/02A/04A
incremented and makes it possible to read data in succession. This is called "Sequential Read".
The master device outputs stop condition not an acknowledge , the reading of S-24CS01A/02A/04A is ended.
Data can be read in succession in the sequential read mode. When the memory address counter reaches the last word
address, it rolls over to the first memory address.
R
E
A
D
S
T
O
P
DEVICE
ADDRESS
R
/
W
ADR INC
A
C
K
A
C
K
A
C
K
1
ADR INC
A
C
K
ADR INC
SDA
LINE
DATA(n)
D7
D0
D7
D0
D7
D0
D7
D0
DATA (n+1)
DATA (n+2)
DATA (n+x)
NO ACK from
Master Device
ADR INC
Figure 17 Sequential Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com