Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S24CS0 Datasheet(PDF) 8 Page - ABLIC Inc.

Part # S24CS0
Description  FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S24CS0 Datasheet(HTML) 8 Page - ABLIC Inc.

Back Button S24CS0 Datasheet HTML 4Page - ABLIC Inc. S24CS0 Datasheet HTML 5Page - ABLIC Inc. S24CS0 Datasheet HTML 6Page - ABLIC Inc. S24CS0 Datasheet HTML 7Page - ABLIC Inc. S24CS0 Datasheet HTML 8Page - ABLIC Inc. S24CS0 Datasheet HTML 9Page - ABLIC Inc. S24CS0 Datasheet HTML 10Page - ABLIC Inc. S24CS0 Datasheet HTML 11Page - ABLIC Inc. S24CS0 Datasheet HTML 12Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
FOR AUTOMOTIVE 105
°C OPERATION 2-WIRE SERIAL E
2PROM
S-24CS01A/02A/04A H Series
Rev.3.1_03
8
Pin Functions
1. Address input pins (A0, A1 and A2)
The slave address is assigned by connecting pins A0, A1 and A2 to the GND or to the VCC respectively. One of the
eight different slave address can be assigned to the S-24CS01A/02A by the combination of pins A0, A1 and A2.
The slave address is assigned by connecting pins A1 and A2 to the GND or to the VCC respectively. One of the four
different slave address can be assigned to the S-24CS04A by the combination of pins A1 and A2.
The given slave address, which is compared with the slave address transmitted from the master device, is used to
select the one among the multiple devices connected to the bus. The address input pin should be connected to the
GND or to the VCC.
2. SDA (Serial data input / output) pin
The SDA pin is used for bi-directional transmission of serial data. It consists of a signal input pin and an Nch open-
drain output pin.
The SDA line is usually pulled up to the VCC, and OR-wired with other open-drain or open-collector output devices.
3. SCL (Serial clock input) pin
The SCL pin is used for serial clock input. Since signals are processed at the rising or falling edge of the SCL clock
input signal, attention should be paid to the rising time and falling time to conform to the specifications.
4. WP (write protect input) pin
The write protect is enabled by connecting the WP pin to the VCC. When there is no need for write protect, connect the
pin to the GND.
Initial Delivery State
Initial delivery state of all addresses is "FFh".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com