Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S24CS0 Datasheet(PDF) 5 Page - ABLIC Inc.

Part # S24CS0
Description  FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S24CS0 Datasheet(HTML) 5 Page - ABLIC Inc.

  S24CS0 Datasheet HTML 1Page - ABLIC Inc. S24CS0 Datasheet HTML 2Page - ABLIC Inc. S24CS0 Datasheet HTML 3Page - ABLIC Inc. S24CS0 Datasheet HTML 4Page - ABLIC Inc. S24CS0 Datasheet HTML 5Page - ABLIC Inc. S24CS0 Datasheet HTML 6Page - ABLIC Inc. S24CS0 Datasheet HTML 7Page - ABLIC Inc. S24CS0 Datasheet HTML 8Page - ABLIC Inc. S24CS0 Datasheet HTML 9Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
FOR AUTOMOTIVE 105
°C OPERATION 2-WIRE SERIAL E
2PROM
Rev.3.1_03
S-24CS01A/02A/04A H Series
5
DC Electrical Characteristics
Table 9 (1/2)
Item
Symbol
Conditions
−40°C to +85°C
Unit
VCC = 4.5 V to 5.5 V
f = 400 kHz
VCC = 2.7 V to 4.5 V
*1
f = 100 kHz
VCC = 1.8 V to 2.7 V
f = 100 kHz
Min.
Max.
Min.
Max.
Min.
Max.
Current consumption
(READ)
ICC1
⎯
⎯
0.8
⎯
0.3
⎯
0.2
mA
Current consumption
(WRITE)
ICC2
⎯
⎯
4.0
⎯
1.5
⎯
⎯
mA
*1. VCC = 2.55 V to 4.5 V in Write
Table 9 (2/2)
Item
Symbol
Conditions
+85°C to +105°C
Unit
VCC = 2.55 V to 5.5 V
f = 350 kHz
Min.
Max.
Current consumption
(READ)
ICC1
⎯
⎯
0.8
mA
Current consumption
(WRITE)
ICC2
⎯
⎯
4.0
mA
Table 10 (1/2)
Item
Symbol
Conditions
−40°C to +85°C
Unit
VCC =
4.5 V to 5.5 V
VCC =
2.55 V to 4.5 V
VCC =
1.8 V to 2.55 V
Min.
Max.
Min.
Max.
Min.
Max.
Standby current consumption
ISB
VIN = VCC or GND
⎯
2.0
⎯
2.0
⎯
2.0
μA
Input leakage current
ILI
VIN = GND to VCC
⎯
1.0
⎯
1.0
⎯
1.0
μA
Output leakage current
ILO
VOUT = GND to VCC
⎯
1.0
⎯
1.0
⎯
1.0
μA
Low level output voltage
VOL
IOL = 3.2 mA
⎯
0.4
⎯
0.4
⎯
⎯
V
IOL = 1.5 mA
⎯
0.3
⎯
0.3
⎯
0.5
V
Current address hold voltage
VAH
⎯
1.5
5.5
1.5
4.5
1.5
2.55
V
Table 10 (2/2)
Item
Symbol
Conditions
+85°C to +105°C
Unit
VCC = 2.55 V to 5.5 V
Min.
Max.
Standby current consumption
ISB
VIN = VCC or GND
⎯
2.0
μA
Input leakage current
ILI
VIN = GND to VCC
⎯
1.0
μA
Output leakage current
ILO
VOUT = GND to VCC
⎯
1.0
μA
Low level output voltage
VOL
IOL = 3.2 mA
⎯
0.4
V
IOL = 1.5 mA
⎯
0.3
V
Current address hold voltage
VAH
⎯
1.5
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com