Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S24CS0 Datasheet(PDF) 18 Page - ABLIC Inc.

Part # S24CS0
Description  FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S24CS0 Datasheet(HTML) 18 Page - ABLIC Inc.

Back Button S24CS0 Datasheet HTML 14Page - ABLIC Inc. S24CS0 Datasheet HTML 15Page - ABLIC Inc. S24CS0 Datasheet HTML 16Page - ABLIC Inc. S24CS0 Datasheet HTML 17Page - ABLIC Inc. S24CS0 Datasheet HTML 18Page - ABLIC Inc. S24CS0 Datasheet HTML 19Page - ABLIC Inc. S24CS0 Datasheet HTML 20Page - ABLIC Inc. S24CS0 Datasheet HTML 21Page - ABLIC Inc. S24CS0 Datasheet HTML 22Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
FOR AUTOMOTIVE 105
°C OPERATION 2-WIRE SERIAL E
2PROM
S-24CS01A/02A/04A H Series
Rev.3.1_03
18
8. Address increment timing
The timing for the automatic address increment is the falling edge of the SCL clock for the 8th bit of the read data in
read operation and the falling edge of the SCL clock for the 8th bit of the received data in write operation.
SCL
SDA
R / W=1
Address Increment
891
89
D7 Output
D0 Output
ACK Output
Figure 18 Address Increment Timing in Reading
SCL
SDA
R / W=0
891
89
D7 Input
D0 Input
ACK Output
ACK Output
Address Increment
Figure 19 Address Increment Timing in Writing
Write Protect Function during the Low Power Supply Voltage
The S-24CS01A/02A/04A has a detection circuit for low power voltage. The detection circuit cancels a write instruction
when the power voltage is low or the power switch is on. The detection voltage is 1.75 V typically and the release
voltage is 2.05 V typically, the hysteresis of approximate 0.3 V thus exists. (See Figure 20.)
When a low power voltage is detected, a write instruction is canceled at the reception of a stop condition.
When the power voltage lowers during a data transmission or a write operation, the data at the address of the operation
is not assured.
Power supply voltage
Write Instruction
cancel
Release voltage (+VDET)
2.05 V typ.
Detection voltage (-VDET)
1.75 V typ.
Hysteresis width
0.3 V approximately
Figure 20 Operation during Low Power Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com